Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AWR6843 Datasheet HTML 35Page - Texas Instruments AWR6843 Datasheet HTML 36Page - Texas Instruments AWR6843 Datasheet HTML 37Page - Texas Instruments AWR6843 Datasheet HTML 38Page - Texas Instruments AWR6843 Datasheet HTML 39Page - Texas Instruments AWR6843 Datasheet HTML 40Page - Texas Instruments AWR6843 Datasheet HTML 41Page - Texas Instruments AWR6843 Datasheet HTML 42Page - Texas Instruments AWR6843 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
39
AWR6843
www.ti.com
SWRS248 – APRIL 2020
Submit Documentation Feedback
Product Folder Links: AWR6843
Specifications
Copyright © 2020, Texas Instruments Incorporated
(1)
The MASTER bit (SPIGCRx.0) is cleared ( where x = 0 or 1 ).
(2)
The CLOCK PHASE bit (SPIFMTx.16) is either cleared or set for CLOCK PHASE = 0 or CLOCK PHASE = 1 respectively.
(3)
tc(MSS_VCLK) = master subsystem clock time = 1 / f(MSS_VCLK). For more details, see the Technical Reference Manual.
(4)
When the SPI is in Slave mode, the following must be true: For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(MSS_VCLK) ≥ 25 ns, where
PS is the prescale value set in the SPIFMTx.[15:8] register bits.For PS values of 0: tc(SPC)S = 2tc(MSS_VCLK) ≥ 25 ns.
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
5.10.3.3 SPI Slave Mode I/O Timings
Table 5-9. SPI Slave Mode Switching Parameters (SPICLK = input, SPISIMO = input,
and SPISOMI = output)(1)(2)(3)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tc(SPC)S
Cycle time, SPICLK(4)
25
ns
2(5)
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
10
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
10
3(5)
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
10
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
10
4(5)
td(SPCH-SOMI)S
Delay time, SPISOMI valid after SPICLK high (clock
polarity = 0)
10
ns
td(SPCL-SOMI)S
Delay time, SPISOMI valid after SPICLK low (clock
polarity = 1)
10
5(5)
th(SPCH-SOMI)S
Hold time, SPISOMI data valid after SPICLK high
(clock polarity = 0)
2
ns
th(SPCL-SOMI)S
Hold time, SPISOMI data valid after SPICLK low
(clock polarity = 1)
2
4(5)
td(SPCH-SOMI)S
Delay time, SPISOMI valid after SPICLK high (clock
polarity = 0; clock phase = 0) OR (clock polarity = 1;
clock phase = 1)
10
ns
td(SPCL-SOMI)S
Delay time, SPISOMI valid after SPICLK low (clock
polarity = 1; clock phase = 0) OR (clock polarity = 0;
clock phase = 1)
10
5(5)
th(SPCH-SOMI)S
Hold time, SPISOMI data valid after SPICLK high
(clock polarity = 0; clock phase = 0) OR (clock
polarity = 1; clock phase = 1)
2
ns
th(SPCL-SOMI)S
Hold time, SPISOMI data valid after SPICLK low
(clock polarity = 1; clock phase = 0) OR (clock
polarity = 0; clock phase = 1)
2
6(5)
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock
polarity = 0; clock phase = 0) OR (clock polarity = 1;
clock phase = 1)
3
ns
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock
polarity = 1; clock phase = 0) OR (clock polarity = 0;
clock phase = 1)
3
7(5)
th(SPCL-SIMO)S
Hold time, SPISIMO data valid after SPICLK low
(clock polarity = 0; clock phase = 0) OR (clock
polarity = 1; clock phase = 1)
1
ns
th(SPCL-SIMO)S
Hold time, SPISIMO data valid after SPICLK high
(clock polarity = 1; clock phase = 0) OR (clock
polarity = 0; clock phase = 1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com