Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AWR6843 Datasheet HTML 20Page - Texas Instruments AWR6843 Datasheet HTML 21Page - Texas Instruments AWR6843 Datasheet HTML 22Page - Texas Instruments AWR6843 Datasheet HTML 23Page - Texas Instruments AWR6843 Datasheet HTML 24Page - Texas Instruments AWR6843 Datasheet HTML 25Page - Texas Instruments AWR6843 Datasheet HTML 26Page - Texas Instruments AWR6843 Datasheet HTML 27Page - Texas Instruments AWR6843 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
24
AWR6843
SWRS248 – APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AWR6843
Terminal Configuration and Functions
Copyright © 2020, Texas Instruments Incorporated
Table 4-5. Signal Descriptions - Analog
INTERFACE
SIGNAL NAME
PIN
TYPE
DESCRIPTION
BALL NO.
Transmitters
TX1
O
Single ended transmitter1 o/p
B4
TX2
O
Single ended transmitter2 o/p
B6
TX3
O
Single ended transmitter3 o/p
B8
Receivers
RX1
I
Single ended receiver1 i/p
M2
RX2
I
Single ended receiver2 i/p
K2
RX3
I
Single ended receiver3 i/p
H2
RX4
I
Single ended receiver4 i/p
F2
Reset
NRESET
I
Power on reset for chip. Active low
R3
Reference
Oscillator
CLKP
I
In XTAL mode: Differential port for reference crystal
In External clock mode: Single ended input
reference clock port
B15
CLKM
I
In XTAL mode: Differential port for reference crystal
In External clock mode: Connect this port to ground
C15
Reference clock
OSC_CLKOUT
O
Reference clock output from clocking subsystem
after cleanup PLL (1.4V output voltage swing).
A14
Bandgap voltage
VBGAP
O
Device's Band Gap Reference Output
B10
Power supply
VDDIN
Power
1.2V digital power supply
H15, N11, P15, R6
VIN_SRAM
Power
1.2V power rail for internal SRAM
G15
VNWA
Power
1.2V power rail for SRAM array back bias
P14
VIOIN
Power
I/O Supply (3.3V or 1.8V): All CMOS I/Os would
operate on this supply
R10, F15
VIOIN_18
Power
1.8V supply for CMOS IO
R9
VIN_18CLK
Power
1.8V supply for clock module
B11
VIOIN_18DIFF
Power
1.8V supply for LVDS port
D15
VPP
Power
Voltage supply for fuse chain
L13
Power supply
VIN_13RF1
Power
1.3V Analog and RF supply,VIN_13RF1 and
VIN_13RF2 could be shorted on the board
G5, H5, J5
VIN_13RF2
Power
1.3V Analog and RF supply
C2,D2
VIN_18BB
Power
1.8V Analog base band power supply
K5, F5
VIN_18VCO
Power
1.8V RF VCO supply
B12
VSS
Ground
Digital ground
L5, L6, L8, L10,
K7, K8, K9, K10,
K11, J6, J7, J8,
J10, H7, H9, H11,
G6, G7, G8, G10,
F9, F11, E5, E6,
E8, E10, E11, R15
VSSA
Ground
Analog ground
A1, A3, A5, A7, A9,
A13, A15, B1, B3,
B5, B7, B9, B14,
C1, C3, C4, C5,
C6, C7, C8, C9,
C14, E1, E2, E3,
F3, G1, G2, G3,
H3, J1, J2, J3, K3,
L1, L2, L3, M3, N1,
N2, N3, R1
Internal LDO
output/inputs
VOUT_14APLL
O
Internal LDO output
A10
VOUT_14SYNTH
O
Internal LDO output
B13
VOUT_PA
IO
Internal LDO output
A2, B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com