Electronic Components Datasheet Search
  English  ▼

X  

AWR6843 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AWR6843
Description  AWR6843 Single-Chip 60- to 64-GHz mmWave Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWR6843 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AWR6843 Datasheet HTML 30Page - Texas Instruments AWR6843 Datasheet HTML 31Page - Texas Instruments AWR6843 Datasheet HTML 32Page - Texas Instruments AWR6843 Datasheet HTML 33Page - Texas Instruments AWR6843 Datasheet HTML 34Page - Texas Instruments AWR6843 Datasheet HTML 35Page - Texas Instruments AWR6843 Datasheet HTML 36Page - Texas Instruments AWR6843 Datasheet HTML 37Page - Texas Instruments AWR6843 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
34
AWR6843
SWRS248 – APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AWR6843
Specifications
Copyright © 2020, Texas Instruments Incorporated
5.10.3 Multibuffered / Standard Serial Peripheral Interface (MibSPI)
5.10.3.1 Peripheral Description
The MibSPI/SPI is a high-speed synchronous serial input/output port that allows a serial bit stream of
programmed length (2 to 16 bits) to be shifted into and out of the device at a programmed bit-transfer rate.
The MibSPI/SPI is normally used for communication between the microcontroller and external peripherals
or another microcontroller.
Standard and MibSPI modules have the following features:
•
16-bit shift register
•
Receive buffer register
•
8-bit baud clock generator
•
SPICLK can be internally-generated (master mode) or received from an external clock source
(slave mode)
•
Each word transferred can have a unique format.
•
SPI I/Os not used in the communication can be used as digital input/output signals
5.10.3.2 MibSPI Transmit and Receive RAM Organization
The Multibuffer RAM is comprised of 256 buffers. Each entry in the Multibuffer RAM consists of 4 parts: a
16-bit transmit field, a 16-bit receive field, a 16-bit control field and a 16-bit status field. The Multibuffer
RAM can be partitioned into multiple transfer group with variable number of buffers each.
Table 5-7 and Table 5-8 assume the operating conditions stated in Table 5-6.
Table 5-6. SPI Timing Conditions
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input rise time
1
3
ns
tF
Input fall time
1
3
ns
Output Conditions
CLOAD
Output load capacitance
2
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com