Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
12
Product Specification (V1.4) 04.08.2016
(This specification is subject to change without prior notice)
6.2.4 R3 (LVD Control and Status)
Status Flag, Page Select Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LVDEN
LVDS1
LVDS0
T
P
Z
DC
C
Bit 7 (LVDEN): Voltage Detect Enable Bit
0 : No action
1 : Voltage detect enabled
Bits 6~5 (LVDS1~LVDS0): Detect Voltage Select Bits
LVDS1
LVDS0
Detect Voltage
0
0
2.4V
0
1
2.7V
1
0
3.3V
1
1
3.9V
Bit 4 (T):
Time-out bit
Set to
“1” by the "SLEP" and "WDTC" commands, or during power up and
reset to
“0” by WDT timeout.
Bit 3 (P):
Power down bit
Set to “1” during power-on or by a "WDTC" command and reset to “0” by a
"SLEP" command.
Event
T
P
Remarks
WDT wakes up from sleep mode
0
0
WDT time out (not in sleep mode)
0
1
/RESET wakes up from sleep
1
0
Power up
1
1
Low pulse on /RESET
 = don't care
Bit 2 (Z):
Zero flag
Bit 1 (DC): Auxiliary carry flag
Bit 0 (C):
Carry flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com