Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
28
Product Specification (V1.4) 04.08.2016
(This specification is subject to change without prior notice)
6.2.38
Bank 3 R6 URS (UART Status)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URRD8
EVEN
PRE
PRERR
OVERR
FMERR
URBF
RXE
Bit 7 (URRD8): Receiving Data Bit 8
Bit 6 (EVEN):
Select Parity Check
0 : Odd parity
1 : Even parity
Bit 5 (PRE):
Enable Parity Addition
0 : Disable
1 : Enable
Bit 4 (PRERR): Parity Error Flag
Set to
“1” when parity error occurs and clear to “0” by software.
Bit 3 (OVERR): Over Running Error Flag
Set to
”1” when overrun error occurs and clear to “0” by software.
Bit 2 (FMERR): Framing Error Flag
Set to
“1” when framing error occurs and clear to “0” by software.
Bit 1 (URBF): UART Read Buffer Full Flag
Set to
“1” when one character is received. Reset to “0” automatically
when read from URS register. The URBF will be cleared by hardware
when enabling receiving. The URBF bit is read-only. Therefore,
reading the URS register is necessary to avoid overrun error.
Bit 0 (RXE):
Enable Receiving
0 : Disable
1 : Enable
6.2.39
Bank 3 R7 URRD (UART_RD Data Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URRD7
URRD6
URRD5
URRD4
URRD3
URRD2
URRD1
URRD0
Bits 7~0 (URRD7~URRD0): UART Receive Data Buffer. Read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com