Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.4) 04.08.2016
 57
(This specification is subject to change without prior notice)
6.8 Interrupt
Registers for Interrupt
R_BANK Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 0
0x0E
IMR
T1IE
LVDIE ADIE
SPIIE URTIE EXIE9 EXIE8
TCIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x0F
ISR
T1IF
LVDIF
ADIF
SPIIF URTIF EXIF9 EXIF8
TCIF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0X0E
EIMR
EXIE7 EXIE6 EXIE5 EXIE4 EXIE3 EXIE2 EXIE1 EXIE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 1
0X0F
EISR
EXIF7 EXIF6 EXIF5 EXIF4 EXIF3
EXIF2 EXIF1 EXIF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 2
0X09
T2CR
T2IF
T2IE
T2S
T2MS1 T2MS0
T2P2
T2P1
T2P0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The EM78P520N has ten interrupt sources as listed below:
TCC overflow interrupt
External interrupt pin
Watch timer interrupt
Timer 1 overflow interrupt
Timer 2 overflow interrupt
A/D conversion complete interrupt
UART transmit/receive/error interrupt
SPI transmit/receive interrupt
Low voltage detector
This IC has internal interrupts which are falling edge triggered, namely: TCC timer
overflow interrupt, and two 8-bit upper counter/timer overflow interrupt. If these
interrupt sources change signal from high to low, the RF register will generate a
“1” flag
to the corresponding register if RE register is enabled.
RF is the interrupt status register which records the interrupt request in flag bit. RE is
the interrupt mask register. Global interrupt is enabled by ENI instruction and is
disabled by DISI instruction. When one of the interrupts (when enabled) is generated,
it will cause the next instruction to be fetched from Address 0003H~001BH according to
the interrupt source.
For EM78P520N, each individual interrupt source has its own interrupt vector as
depicted in Table 7.
Before the interrupt subroutine is executed, the contents of ACC, R3[4:0] and the R5
register will be saved by hardware. After the interrupt service routine is finished, ACC,
R3[4:0] and R5 will be pushed back. While in interrupt service routine, other interrupt
service routine should not be allowed to be executed, so if other interrupts occur in an
interrupt service routine, the hardware will save this interrupt, after which when interrupt
service routine is completed, the next interrupt service routine will be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com