Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 68 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 68 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 72Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
60
Product Specification (V1.4) 04.08.2016
(This specification is subject to change without prior notice)
Bits 1~0 (LCDF1~LCDF0): LCD Frame Frequency Control Bits
LCD Frame Frequency (e.q. Fs =32.768K)
LCDF1 LCDF0
Static
1/3 Duty
1/4 Duty
1/8 Duty
0
0
Fs/(5121) = 64.0 Fs/(1723) =63.5
Fs/(1284) = 64
Fs/(648) = 64.0
0
1
Fs/(5601) = 58.5 Fs/(1883) = 58
Fs/(1404) = 58.5 Fs/(708) = 58.5
1
0
Fs/(6081) = 53.9 Fs/(2043) = 53.5 Fs/(1524) = 53.9 Fs/(768) = 53.9
1
1
Fs/(4641) = 70.6 Fs/(1563) = 70
Fs/(1164) = 70.6 Fs/(588) = 70.6
6.9.2 R6 LCDADDR (LCD Address Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
LCD_A4
LCD_A3
LCD_A2
LCD_A1
LCD_A0
Bits 7~5: Reserved
Bits 4~0 (LCD_A4~LCD_A0): LCD RAM Address
R6
(LCD
Address)
R7 (LCD Data Buffer)
Segment
Bit 7
(LCD_D7)
Bit 6
(LCD_D6)
Bit 5
(LCD_D5)
Bit 4
(LCD_D4)
Bit 3
(LCD_D3)
Bit 2
(LCD_D2)
Bit 1
(LCD_D1)
Bit 0
(LCD_D0)
00H
SEG0
01H
SEG1
02H
SEG2
|
|
14H
SEG20
15H
SEG21
16H
SEG22
Common
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com