Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
48
Product Specification (V1.4) 04.08.2016
(This specification is subject to change without prior notice)
Address
Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0C
Bank 5
RC
PCPHCR
Bit Name
0
0
0
0
PHC3
PHC2
PHC1
PHC0
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
07
Bank 6
R7
P7ODCR
Bit Name
OD77
OD76
OD75
OD74
OD73
OD72
OD71
OD70
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
08
Bank 6
R8
P8ODCR
Bit Name
OD87
OD86
OD85
OD84
OD83
OD82
OD81
0
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
09
Bank 6
R9
P9ODCR
Bit Name
OD97
OD96
OD95
OD94
OD93
OD92
OD91
OD90
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
0A
Bank 6
RA
PAODCR
Bit Name
ODA7
ODA6
ODA5
ODA4
ODA3
ODA2
ODA1
ODA0
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
0B
Bank 6
RB
PBODCR
Bit Name
ODB7
ODB6
ODB5
ODB4
ODB3
ODB2
ODB1
ODB0
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
0C
Bank 6
RC
Port C
Bit Name
1
1
1
1
RC3
RC2
RC1
RC0
Power-on
1
1
1
1
1
1
1
1
/RESET and WDT
1
1
1
1
1
1
1
1
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
0
10
~
0
3F
Bank 0
~
Bank 7
R10~R3F
Bit Name
-
-
-
-
-
-
-
-
Power-on
U
U
U
U
U
U
U
U
/RESET and WDT
U
U
U
U
U
U
U
U
Wake-up from Sleep and
Idle mode
P
P
P
P
P
P
P
P
Legend:
“
” = not used
“P” = previous value before Wake-up or reset
“u” = unknown or don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com