Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
38
Product Specification (V1.4) 04.08.2016
(This specification is subject to change without prior notice)
6.3 TCC/WDT Prescaler
Registers for the TCC/WDT Circuit
R_BANK Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 0
0X0D
TWTCR
WDTE WPSR2 WPSR1 WPSR0 TCCS
TPSR2 TPSR1 TPSR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x0E
IMR
T1IE
LVDIE
ADIE
SPIIE URTIE EXIE9 EXIE8
TCIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x0F
ISR
T1IF
LVDIF
ADIF
SPIIF URTIF EXIF9 EXIF8
TCIF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
There are two 8-bit counters available as prescalers for the TCC and WDT, respectively.
The TPSR0~TPSR2 bits of the Bank 0 RD (TWTCR) register are used to determine the
ratio of the TCC prescaler. Likewise, the WPSR0~WPSR2 bits of the Bank 0 RD
(TWTCR) register are used to determine the WDT prescaler. The prescaler counter will
be cleared by the instructions each time they are written into TCC. The WDT and
prescaler
will be cleared by the “WDTC” and “SLEP” instructions. Figure 6-4 depicts the
circuit diagram of TCC/WDT.
R1 (TCC) is an 8-bit timer/counter. The TCC clock source can be internal clock main
clock or sub clock (32.768kHz). If TCC signal source is from the internal clock, TCC will
be incremented by 1 at every instruction cycle (without prescaler). As illustrated in
Figure 6-4. The watchdog timer is a free running on-chip RC oscillator. The WDT will
continue running even after the oscillator driver has been turned off (i.e. in sleep mode).
During normal operation or sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled at any time during the normal
mode by software programming. Refer to WDTE bit of Bank 0 RD (TWTCR) register.
With no prescaler, the WDT time-out period is approximately 18 ms
1.
1
Note: VDD=5V, Setup time period = 16.5ms ± 30%
VDD=3V, Setup time period = 18ms ± 30%
Setup time form the WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com