Electronic Components Datasheet Search
  English  ▼

X  

EM78P520N Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P520N
Description  8-Bit Microprocessor with OTP ROM
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P520N Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P520N Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P520N Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
EM78P520N
8-Bit Microprocessor with OTP ROM
20
Product Specification (V1.4) 04.08.2016
(This specification is subject to change without prior notice)
6.2.23
Bank 1 RC LCDSCR2 (LCD Segment Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
SEG22
SEG21
SEG20
SEG19
SEG18
SEG17
SEG16
Bit 7: Reserved
Bits 6~0 (SEG22~SEG16): LCD Segment 22~16 Control Bits
0 : Disable, functions as normal I/O or other functions
1 : Enable, functions as LCD common driver pins
6.2.24
Bank 1 RE EIMR (External Interrupt Mask Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EXIE7
EXIE6
EXIE5
EXIE4
EXIE3
EXIE2
EXIE1
EXIE0
Bits 7~0 (EXIE7~EXIE0): Interrupt Enable Bit. Enable interrupt source respectively.
External interrupt
INT Pin Secondary Function Pin
Enable Condition
Edge
Digital Noise
Reject
INT7
PB3, SEG11
ENI+EXIE7 (EIMR7)
Rising or Falling
2/Fc
INT6
PB2, SEG10, AD11
ENI+EXIE6 (EIMR6)
Rising or Falling
2/Fc
INT5
PB1, SEG9, AD10
ENI+EXIE5 (EIMR5)
Rising or Falling
2/Fc
INT4
PB0, SEG8, AD9
ENI+EXIE4 (EIMR4)
Rising or Falling
2/Fc
INT3
P77, T1CAP
ENI+EXIE3 (EIMR3)
Rising or Falling
2/Fc
INT2
P76, T1CK
ENI+EXIE2 (EIMR2)
Rising or Falling
2/Fc
INT1
P75, T1OUT, PWM1
ENI+EXIE1 (EIMR1)
Rising or Falling
2/Fc
INT0
P74, SEG18
ENI+EXIE0 (EIMR0)
Rising or Falling
2/Fc
INT7~INT0: Pulse less than 2/Fc is eliminated as noise. Pulse more than 4/Fc is
treated as a trigger signal.
6.2.25
Bank 1 RF EISR (External Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EXIF7
EXIF6
EXIF5
EXIF4
EXIF3
EXIF2
EXIF1
EXIF0
These bits are set to “1” when interrupt occurs.
Bits 7~0 (EXIF7~EXIF0): Interrupt Flag when External Interrupt 7~0 occur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com