Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 5 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TPS22976
www.ti.com
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
TPS22976
UNIT
DPU (WSON)
14 PINS
ψJB
Junction-to-board characterization parameter
18.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.5
°C/W
(1)
Not present in TPS22976N
7.5 Electrical Characteristics—VBIAS = 5 V
Unless otherwise noted, the specifications in the following table applies where VBIAS = 5 V. Typical values are for TA = 25°C
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IQ,VBIAS
VBIAS quiescent current (both
channels)
IOUT1 = IOUT2 = 0 mA,
VIN1,2 = VON1,2 = 5 V
–40°C to +85°C
37
48
µA
–40°C to +105°C
49
VBIAS quiescent current (single
channel)
IOUT1 = IOUT2 = 0 mA, VON2 = 0 V
VIN1,2 = VON1 = 5 V
–40°C to +85°C
35
43
µA
–40°C to +105°C
44
ISD,VBIAS
VBIAS shutdown current
VON1,2 = 0 V, VVOUT1,2 = 0 V
–40°C to +105°C
1.37
2.3
µA
ISD,VIN
VIN shutdown current (per channel)
VON = 0 V,
VOUT = 0 V
VIN = 5 V
–40°C to +85°C
.005
5.5
µA
–40°C to +105°C
11.3
VIN = 3.3 V
–40°C to +85°C
.002
1.4
–40°C to +105°C
3.4
VIN = 1.8 V
–40°C to +85°C
.002
0.5
–40°C to +105°C
1.4
VIN = 0.6 V
–40°C to +85°C
.001
0.3
–40°C to +105°C
0.8
ION
ON-pin input leakage current
VON = 5.5 V
–40°C to +105°C
0.1
µA
RESISTANCE CHARACTERISTICS
RON
On-state resistance (per channel)
IOUT = –200 mA
VIN = 5 V
25°C
14
18
m
Ω
–40°C to +85°C
22
–40°C to +105°C
23
VIN = 3.3 V
25°C
14
18
–40°C to +85°C
22
–40°C to +105°C
23
VIN = 1.8 V
25°C
14
18
–40°C to +85°C
22
–40°C to +105°C
23
VIN = 1.2 V
25°C
14
18
–40°C to +85°C
22
–40°C to +105°C
23
VIN = 1.05 V
25°C
14
18
–40°C to +85°C
22
–40°C to +105°C
23
VIN = 0.6 V
25°C
14
18
–40°C to +85°C
22
–40°C to +105°C
23
VON,HYS
ON-pin hysteresis
VIN = 5 V
25°C
90
mV
RPD
(1)
Output pulldown resistance
VIN = VOUT = 5 V, VON = 0 V
–40°C to +105°C
230
280
Ω
TSD
Thermal shutdown
Junction temperature rising
—
160
ºC
TSD,HYS
Thermal-shutdown hysteresis
Junction temperature falling
—
20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com