| Electronic Components Datasheet Search |
|
TPS22976DPUT Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS22976DPUT Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 32 page ![]() Dual Power Supply or Dual DC-DC Converter OFF ON TPS22976 GND ON1 CT1 OFF ON ON2 GND CT2 VBIAS C IN C L R L VIN2 VIN1 VOUT1 VOUT2 C IN GND C L R L Copyright © 2016, Texas Instruments Incorporated TPS22976 Power Source µC GPIO GND VIN1 ON1 VIN2 ON2 VOUT1 CT1 VOUT2 CT2 VBIAS System Module Copyright © 2016, Texas Instruments Incorporated 20 TPS22976 SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017 www.ti.com Product Folder Links: TPS22976 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated Application Information (continued) 10.1.4 Reverse Current Blocking Reverse current blocking is often desired in specific applications, as it prevents current from flowing from the output to the input of the load switch when the device is disabled. With the configuration illustrated in Figure 38, the TPS22976 can be converted into a single-channel switch with reverse current blocking. VIN1 or VIN2 can be used as the input and VIN2 or VIN1 as the output. Figure 38. Reverse Current Blocking 10.2 Typical Application This application demonstrates how the TPS22976 can be used to limit the inrush current when powering on downstream modules. Figure 39. Typical Application Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |