Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 17Page - Texas Instruments TPS22976DPUT Datasheet HTML 18Page - Texas Instruments TPS22976DPUT Datasheet HTML 19Page - Texas Instruments TPS22976DPUT Datasheet HTML 20Page - Texas Instruments TPS22976DPUT Datasheet HTML 21Page - Texas Instruments TPS22976DPUT Datasheet HTML 22Page - Texas Instruments TPS22976DPUT Datasheet HTML 23Page - Texas Instruments TPS22976DPUT Datasheet HTML 24Page - Texas Instruments TPS22976DPUT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
TPS22976
www.ti.com
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.1 Design Requirements
Table 3 shows the TPS22976 design parameters.
Table 3. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage
3.3 V
Bias voltage
5 V
Load capacitance (CL)
22 µF
Maximum acceptable inrush current
400 mA
10.2.2 Detailed Design Procedure
10.2.2.1 Inrush Current
When the switch is enabled, the output capacitors must be charged up from 0 V to the set value (3.3 V in this
example). This charge arrives in the form of inrush current. Inrush current can be calculated using Equation 1.
Inrush Current = C × dV/dt
where
•
C is the output capacitance
•
dV is the output voltage
•
dt is the rise time
(1)
The TPS22976 offers adjustable rise time for VOUT. This feature allows the user to control the inrush current
during turnon. The appropriate rise time can be calculated using Table 3 and the inrush current equation. See
Equation 2 and Equation 3.
400 mA = 22 μF × 3.3 V/dt
(2)
dt = 181.5 μs
(3)
To ensure an inrush current of less than 400 mA, choose a CT value that yields a rise time of more than 181.5
μs. See the oscilloscope captures in the Application Curves section for an example of how the CT capacitor can
be used to reduce inrush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com