Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 1 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual
Power
Supply
or
Dual
DC-DC
Converter
OFF
ON
TPS22976
GND
ON1
CT1
OFF
ON
ON2
GND
CT2
VBIAS
C
IN
C
L
R
L
VIN2
VIN1
VOUT1
VOUT2
C
IN
GND
C
L
R
L
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22976
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
1
1 Features
1
•
Integrated Dual-Channel Load Switch
•
Input Voltage Range: 0.6 V to VBIAS
•
VBIAS Voltage Range: 2.5 V to 5.7 V
•
On-resistance
–
RON = 14 mΩ (Typical)
at VIN = 0.6 V to 5 V, VBIAS = 5 V
–
RON = 18 mΩ (Typical)
at VIN = 0.6 V to 2.5 V, VBIAS = 2.5 V
•
6-A Maximum Continuous Switch Current per
Channel
•
Quiescent Current
–
37 µA (Typical, Both Channels)
at VIN = VBIAS = 5 V
–
35 µA (Typical, Single Channel)
at VIN = VBIAS = 5 V
•
Control Input Threshold Enables Use of
1.2-, 1.8-, 2.5-, and 3.3-V Logic
•
Configurable Rise Time
•
Thermal Shutdown
•
Quick Output Discharge (QOD) (Optional)
•
SON 14-Pin Package with Thermal Pad
•
ESD Performance Tested per JESD 22
–
2-kV HBM and 1-kV CDM
2 Applications
•
Ultrabook™
•
Notebooks and Netbooks
•
Tablet PCs
•
Set-top Boxes and Residential Gateways
•
Telecom Systems
•
Solid-State Drives (SSD)
3 Description
The
TPS22976
product
family
consists
of
two
devices: TPS22976 and TPS22976N. Each device is
a dual-channel load switch with controlled turnon. The
device contains two N-channel MOSFETs that can
operate over an input voltage range of 0.6 V to 5.7 V,
and can support a maximum continuous current of 6
A
per
channel.
Each
switch
is
independently
controlled by an on and off input (ON1 and ON2),
which can interface directly with low-voltage control
signals.
The
TPS22976
is
capable
of
thermal
shutdown when the junction temperature is above the
threshold, turning the switch off. The switch turns on
again when the junction temperature stabilizes to a
safe range. The TPS22976 also offers an optional
integrated 230-Ω on-chip load resistor for quick
output discharge when the switch is turned off.
The TPS22976 is available in a small, space-saving
3-mm
×
2-mm
14-SON
package
(DPU)
with
integrated thermal pad allowing for high power
dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to
105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22976
TPS22976N
WSON (14)
3.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Circuit


Similar Part No. - TPS22976DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22976DPUT TI1-TPS22976DPUT Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976DPUT TI2-TPS22976DPUT Datasheet
1Mb / 39P
TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
REVISED DECEMBER 2023
TPS22976DPUT.A TI2-TPS22976DPUT.A Datasheet
1Mb / 39P
TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
REVISED DECEMBER 2023
TPS22976DPUTG4 TI2-TPS22976DPUTG4 Datasheet
1Mb / 39P
TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
REVISED DECEMBER 2023
TPS22976DPUTG4.A TI2-TPS22976DPUTG4.A Datasheet
1Mb / 39P
TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
REVISED DECEMBER 2023
More results

Similar Description - TPS22976DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com