Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments TPS22976DPUT Datasheet HTML 10Page - Texas Instruments TPS22976DPUT Datasheet HTML 11Page - Texas Instruments TPS22976DPUT Datasheet HTML 12Page - Texas Instruments TPS22976DPUT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Bias Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0.7
0.75
0.8
0.85
0.9
0.95
1
D013
-40qC
25qC
85qC
105qC
Bias Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0.6
0.65
0.7
0.75
0.8
0.85
0.9
D014
-40qC
25qC
85qC
105qC
Input Voltage (V)
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
12
13
14
15
16
17
18
D011
VBias = 2.5 V
VBias = 3.3 V
VBias = 5 V
VBias = 5.7 V
Bias Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
215
220
225
230
235
240
245
250
255
260
D012
-40qC
25qC
85qC
105qC
Input Voltage (V)
0.6
1
1.4
1.8
2.2
2.5
10
15
20
25
D007
-40qC
25qC
85qC
105qC
Input Voltage (V)
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
4.6
5
10
12
14
16
18
20
22
24
26
D008
-40qC
25qC
85qC
105qC
9
TPS22976
www.ti.com
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical DC Characteristics (continued)
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5 V
Figure 7. On-Resistance vs Input Voltage
Single Channel - Across Ambient Temperatures
VBIAS = 5 V
IOUT = –200 mA
VON = 5 V
Figure 8. On-Resistance vs Input Voltage
Single Channel - Across Ambient Temperatures
TA = 25°C
Note:
VBIAS = 5 V and 5.7 V curves have similar
values, therefore only one line is visible.
Figure 9. On-Resistance vs Input Voltage
Single Channel - Across VBIAS
VIN = 2.5 V
VON = 0 V
Figure 10. Pulldown Resistance vs Bias Voltage
Single Channel
VIN = VBIAS
Figure 11. High-Level Input Voltage vs Bias Voltage
VIN = VBIAS
Figure 12. Low-Level Input Voltage vs Bias Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com