Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments TPS22976DPUT Datasheet HTML 10Page - Texas Instruments TPS22976DPUT Datasheet HTML 11Page - Texas Instruments TPS22976DPUT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
10
15
20
25
D005
VIN = 0.6 V
VIN = 0.8 V
VIN = 1.05 V
VIN = 1.2 V
VIN = 1.8 V
VIN = 2.5 V
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
D005
D006
VIN = 0.6 V
VIN = 1.05 V
VIN = 1.8 V
VIN = 2.5 V
VIN = 3.3 V
VIN = 5 V
Bias Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
D003
-40qC
25qC
85qC
105qC
Input Voltage (V)
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
4.6
5
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
D004
-40qC
25qC
85qC
105qC
Bias Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
10
20
30
40
50
60
D001
-40qC
25qC
85qC
105qC
Bias Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
10
20
30
40
50
60
D002
-40qC
25qC
85qC
105qC
8
TPS22976
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.8 Typical DC Characteristics
VIN1 = VIN2 = VBIAS
VON1 = VON2 = 5 V
VOUT = Open
Figure 1. VBIAS Quiescent Current vs Bias Voltage
Both Channels
VIN1 = VBIAS
VON1 = 5 V
VOUT = Open
Figure 2. VBIAS Quiescent Current vs Bias Voltage
Single Channel
VIN1 = VIN2 = VBIAS
VON1 = VON2 = 0 V
VOUT = 0 V
Figure 3. VBIAS Shutdown Current vs Bias Voltage
Both Channels
VBIAS = 5 V
VON = 0 V
VOUT = 0 V
Note:
–40°C and 25°C curves have similar values,
therefore only one line is visible.
Figure 4. Off-State VIN Current vs Input Voltage
Single Channel
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5 V
Figure 5. On-Resistance vs Ambient Temperature
Single Channel
VBIAS = 5 V
IOUT = –200 mA
VON = 5 V
Note:
All RON curves have similar values,
therefore only one line is visible.
Figure 6. On-Resistance vs Ambient Temperature
Single Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com