Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 19Page - Texas Instruments TPS22976DPUT Datasheet HTML 20Page - Texas Instruments TPS22976DPUT Datasheet HTML 21Page - Texas Instruments TPS22976DPUT Datasheet HTML 22Page - Texas Instruments TPS22976DPUT Datasheet HTML 23Page - Texas Instruments TPS22976DPUT Datasheet HTML 24Page - Texas Instruments TPS22976DPUT Datasheet HTML 25Page - Texas Instruments TPS22976DPUT Datasheet HTML 26Page - Texas Instruments TPS22976DPUT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
J(max)
A
D(max)
JA
T
T
P
-
=
θ
CT1 capacitor
CT2 capacitor
VIN1 capacitor
VOUT1 capacitor
VIN2 capacitor
VOUT2 capacitor
Thermal
relief vias
23
TPS22976
www.ti.com
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
11 Power Supply Recommendations
The device is designed to operate from a VBIAS range of 2.5 V to 5.7 V and a VIN range of 0.6 V to VBIAS.
12 Layout
12.1 Layout Guidelines
For best performance, all traces must be as short as possible. To be most effective, the input and output
capacitors must be placed close to the device to minimize the effects that parasitic trace inductances may have
on normal operation. Using wide traces for VIN, VOUT, and GND helps minimize the parasitic electrical effects
along with minimizing the case to ambient thermal impedance.
12.2 Layout Example
Notice the thermal vias located under the exposed thermal pad of the device. This allows for thermal diffusion
away from the device.
Figure 42. PCB Layout Example
12.3 Power Dissipation
The maximum IC junction temperature must be restricted to 125°C under normal operating conditions. To
calculate the maximum allowable power dissipation, PD(max) for a given output current and ambient temperature,
use Equation 5.
where
•
PD(max) is the maximum allowable power dissipation
•
TJ(max) is the maximum allowable junction temperature (125°C for the TPS22976)
•
TA is the ambient temperature of the device
•
θJA is the junction to air thermal impedance. See the Thermal Information section. This parameter is highly
dependent upon board layout.
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com