Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 13Page - Texas Instruments TPS22976DPUT Datasheet HTML 14Page - Texas Instruments TPS22976DPUT Datasheet HTML 15Page - Texas Instruments TPS22976DPUT Datasheet HTML 16Page - Texas Instruments TPS22976DPUT Datasheet HTML 17Page - Texas Instruments TPS22976DPUT Datasheet HTML 18Page - Texas Instruments TPS22976DPUT Datasheet HTML 19Page - Texas Instruments TPS22976DPUT Datasheet HTML 20Page - Texas Instruments TPS22976DPUT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
TPS22976
www.ti.com
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
9.3.2 Input Capacitor (Optional)
To limit the voltage drop on the input supply caused by transient inrush currents when the switch turns on into a
discharged load capacitor, a capacitor needs to be placed between VIN and GND. A 1-µF ceramic capacitor, CIN,
placed close to the pins is usually sufficient. Higher values of CIN can be used to further reduce the voltage drop
during high-current application. When switching heavy loads, it is recommended to have an input capacitor about
10 times higher than the output capacitor to avoid excessive voltage drop.
9.3.3 Output Capacitor (Optional)
Due to the integrated body diode in the NMOS switch, a CIN greater than CL is highly recommended. A CL
greater than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current
flow through the body diode from VOUT to VIN. A CIN to CL ratio of 10 to 1 is recommended for minimizing VIN
dip caused by inrush currents during startup, however a 10 to 1 ratio for capacitance is not required for proper
functionality of the device. A ratio smaller than 10 to 1 (such as 1 to 1) could cause slightly more VIN dip upon
turnon due to inrush currents. This can be mitigated by increasing the capacitance on the CT pin for a longer rise
time. (See the Adjustable Rise Time section).
9.3.4 Quick Output Discharge (QOD) (Not Present in TPS22976N)
The TPS22976 includes a QOD feature. When the switch is disabled, an internal discharge resistance is
connected between VOUT and GND to remove the remaining charge from the output. This resistance prevents
the output from floating while the switch is disabled. For best results, it is recommended that the device gets
disabled before VBIAS falls below the minimum recommended voltage.
9.3.5 Thermal Shutdown
Thermal Shutdown protects the part from internally or externally generated excessive temperatures. When the
device temperature exceeds TSD (typical 160°C), the switch is turned off. The switch automatically turns on again
if the temperature of the die drops 20 degrees below the TSD threshold.
9.4 Device Functional Modes
Table 1 lists the TPS22976 functions.
Table 1. TPS22976 Functions Table
ON
VIN to VOUT
VOUT
L
Off
GND
H
On
VIN
Table 2 lists the TPS22976N functions.
Table 2. TPS22976N Functions Table
ON
VIN to VOUT
VOUT
L
Off
Floating
H
On
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com