Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976DPUT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 9Page - Texas Instruments TPS22976DPUT Datasheet HTML 10Page - Texas Instruments TPS22976DPUT Datasheet HTML 11Page - Texas Instruments TPS22976DPUT Datasheet HTML 12Page - Texas Instruments TPS22976DPUT Datasheet HTML 13Page - Texas Instruments TPS22976DPUT Datasheet HTML 14Page - Texas Instruments TPS22976DPUT Datasheet HTML 15Page - Texas Instruments TPS22976DPUT Datasheet HTML 16Page - Texas Instruments TPS22976DPUT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
TPS22976
www.ti.com
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical AC Characteristics (continued)
TA = 25°C, CT = 1000 pF, CIN = 1 µF, CL = 0.1 µF, RL = 10 Ω, VON = 5 V
VIN = 2.5 V
VBIAS = 2.5 V
Figure 26. Turnon Response Time
VIN = 5 V
VBIAS = 5 V
Figure 27. Turnon Response Time
VIN = 0.6 V
VBIAS = 2.5 V
Figure 28. Turnoff Response Time
VIN = 0.6 V
VBIAS = 5 V
Figure 29. Turnoff Response Time
VIN = 2.5 V
VBIAS = 2.5 V
Figure 30. Turnoff Response Time
VIN = 5 V
VBIAS = 5 V
Figure 31. Turnoff Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com