Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 5 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
7.5 Electrical Characteristics
at VS+ = 5 V, VS– = 0 V, G = 1 V/V, RF = 0 Ω, input common-mode biased at midsupply, RL = 200 Ω, output load
is referenced to midsupply, and TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 100 mVPP
1.1
GHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP
110
MHz
GBWP
Gain-bandwidth product
1.08
GHz
Bandwdith for 0.1-dB flatness
VOUT = 100 mVPP
175
MHz
SR
Slew rate (10%-90%)
VOUT = 2-V step
350
V/µs
tr
Rise time
VOUT = 100-mV step
0.75
ns
tf
Fall time
VOUT = 100-mV step
0.75
ns
Settling time to 0.1%
VOUT = 2-V step
7
ns
HD2
Second-order harmonic distortion
f = 10 MHz, VOUT = 2 VPP
85
dBc
f = 50 MHz, VOUT = 2 VPP
50
HD3
Third-order harmonic distortion
f = 10 MHz, VOUT = 2 VPP
95
dBc
f = 50 MHz, VOUT = 2 VPP
45
en
Input-referred voltage noise
f = 1 MHz
0.9
nV/√Hz
ei
Input-referred current noise
f = 1 MHz
2.5
pA/√Hz
zO
Closed-loop output impedance
f = 1 MHz
0.15
Ω
DC PERFORMANCE
AOL
Open-loop voltage gain
70
76
dB
VOS
Input offset voltage
TA = 25°C
–1.5
±0.2
1.5
mV
ΔVOS/ΔT
Input offset voltage drift
TA = –40°C to 125°C
0.7
µV/°C
IB
Input bias current (1)
TA = 25°C
–20
–15
–5
µA
ΔIB/ΔT
Input bias current drift
TA = –40°C to +125°C
-0.1
µA/°C
IBOS
Input offset current
TA = 25°C
–1
±0.1
1
µA
ΔIBOS/ΔT Input offset current drift
TA = –40°C to +125°C
0.75
nA/°C
CMRR
Common-mode rejection ratio
VCM = ±0.5 V referred to midsupply
90
106
dB
INPUT
CCM
Common-mode input capacitance
0.4
pF
CDIFF
Differential input capacitance
0.7
pF
VIH
Common-mode input range (high)
CMRR > 80 dB, VS+ = 3.3 V
2.7
2.9
V
VIL
Common-mode input range (low)
CMRR > 80 dB, VS+ = 3.3 V
1.1
1.3
V
VIH
Common-mode input range (high)
CMRR > 80 dB
4.4
4.6
V
VIH
Common-mode input range (high)
TA = –40°C to +125 °C, CMRR > 80 dB
4.3
V
VIL
Common-mode input range (low)
CMRR > 80 dB
1.1
1.3
V
VIL
Common-mode input range (low)
TA = –40°C to +125°C, CMRR > 80 dB
1.3
V
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com