Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
8 Detailed Description
8.1 Overview
The ultra-wide, 1.1-GHz gain bandwidth product (GBWP) of the OPA856, combined with the broadband voltage
noise of 0.9 nV/√Hz, produces a viable amplifier for wideband transimpedance applications, high-speed data
acquisition systems, and applications with weak signal inputs that require low-noise and high-gain front ends.
The OPA856 combines multiple features to optimize dynamic performance. In addition to the wide, small-signal
bandwidth, the OPA856 has 110 MHz of large-signal bandwidth (VOUT = 2 VPP), and a slew rate of 350 V/µs.
The OPA856 is offered in a 2-mm × 2-mm, 8-pin WSON package that features a feedback (FB) pin for a simple
feedback network connection between the amplifiers output and inverting input. Excess capacitance on an
amplifiers input pin can reduce phase margin causing instability. This problem is exacerbated in the case of very
wideband amplifiers like the OPA856. To reduce the effects of stray capacitance on the input node, the OPA856
pinout features an isolation pin (NC) between the feedback and inverting input pins that increases the physical
spacing between them thereby reducing parasitic coupling at high frequencies. The OPA856 also features a very
low capacitance input stage with only 1.1-pF of total input capacitance.
8.2 Functional Block Diagram
The OPA856 is a classic voltage feedback operational amplifier (op amp) with two high-impedance inputs and a
low-impedance output. Standard application circuits are supported, like the two basic options shown in Figure
8-1 and Figure 8-2. The resistor on the noninverting pin is used for bias current cancellation to minimize the
output offset voltage. In a noninverting configuration the additional resistors on the noninverting pin add noise to
the system so if SNR is critical, the resistor can be eliminated. In an inverting configuration the noninverting node
is typically connected to a DC voltage, so the high-frequency noise contribution from the bias cancellation
resistor can be bypassed by adding a large 1-µF capacitor in parallel to the resistor to shunt the noise. The DC
operating point for each configuration is level-shifted by the reference voltage (VREF), which is typically set to
midsupply in single-supply operation. VREF is typically connected to ground in split-supply applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1+RF/RG)×VSIG
VOUT
VS+
VS±
RF || RG
Figure 8-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF/RG)×VSIG
VOUT
VS+
VS±
RF || RG
Figure 8-2. Inverting Amplifier
OPA856
SBOS623 – OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com