Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7.6 Typical Characteristics
at VS+ = +2.5 V, VS– = –2.5 V, RF = 0 Ω, Gain = 1 V/V, input common-mode biased at midsupply, RL = 200 Ω,
output load referenced to midsupply, and TA = 25°C (unless otherwise noted)
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
G = 1 V/V
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 20 V/V
VOUT = 100 mVPP
Figure 7-1. Small-Signal Response vs Gain
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
RL = 100 :
RL = 200 :
RL = 400 :
VOUT = 100 mVPP
Figure 7-2. Small-Signal Response vs Output Load
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
G = 1 V/V
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 20 V/V
VOUT = 2 VPP
Figure 7-3. Large-Signal Response vs Gain
Frequency [Hz]
-12
-9
-6
-3
0
3
1M
10M
100M
VCM = 0 V
VCM = 1 V
VCM = 1 V
Gain = 20 V/V
VOUT = 100 mVPP
Figure 7-4. Gain Bandwidth vs Common-Mode
Frequency (Hz)
0.1
1
1
10
10
100
1k
10k
100k
1M
10M
100M
Voltage Noise
Current Noise
Figure 7-5. Voltage and Current Noise Density
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
Frequency = 10 MHz
Figure 7-6. Voltage Noise vs Temperature
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com