Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
HD2, RL = 100 :
HD2, RL = 200 :
HD2, RL = 400 :
VOUT = 2 VPP
Figure 7-13. Harmonic Distortion (HD2) vs Load
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
HD3, RL = 100 :
HD3, RL = 200 :
HD3, RL = 400 :
VOUT = 2 VPP
Figure 7-14. Harmonic Distortion (HD3) vs Load
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
HD2, Gain = 1 V/V
HD2, Gain = 1 V/V
HD2, Gain = 2 V/V
HD2, Gain = 5 V/V
VOUT = 2 VPP
Figure 7-15. Harmonic Distortion (HD2) vs Gain
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
HD3, Gain = 1 V/V
HD3, Gain = 1 V/V
HD3, Gain = 2 V/V
HD3, Gain = 5 V/V
VOUT = 2 VPP
Figure 7-16. Harmonic Distortion (HD3) vs Gain
Time (25 ns/div)
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
Input
Output
Average Rise and Fall Time (10% - 90%) = 680 ps
Figure 7-17. Small-Signal Transient Response
Time (25 ns/div)
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
Input
Output
Slew Rate: Rising = 365 V/µs, Falling = 346 V/µs
Figure 7-18. Large-Signal Transient Response
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com