Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Output Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 7-28. Offset Voltage vs Output Swing
Output Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
TA = 40qC
TA = 25qC
TA = 125qC
Figure 7-29. Offset Voltage vs Output Swing vs
Ambient Temperature
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-24
-22
-20
-18
-16
-14
-12
-10
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 7-30. Input Bias Current vs Ambient
Temperature
Common-Mode Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
TA = 40
qC
TA = 25
qC
TA = 125
qC
Figure 7-31. Input Bias Current vs Input Common-
Mode Voltage
Output Current (mA)
-125
-100
-75
-50
-25
0
-2.5
-2
-1.5
-1
-0.5
0
TA = 40qC
TA = 25qC
TA = 125qC
Output slammed to the negative rail
Figure 7-32. Output Swing vs Sinking Current
Output Current (mA)
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
TA = 40qC
TA = 25qC
TA = 125qC
Output slammed to the positive rail
Figure 7-33. Output Swing vs Sourcing Current
OPA856
SBOS623 – OCTOBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com