Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
7.7 Typical Characteristics (continued)
at VS+ = +2.5 V, VS– = –2.5 V, RF = 0 Ω, Gain = 1 V/V, input common-mode biased at midsupply, RL = 200 Ω,
output load referenced to midsupply, and TA = 25°C (unless otherwise noted)
Total Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
15.8
16
16.2
16.4
16.6
16.8
17
17.2
17.4
17.6
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 7-22. Quiescent Current vs Supply Voltage
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
15
15.5
16
16.5
17
17.5
18
18.5
19
VS = 3.3 V
VS = 5 V
Figure 7-23. Quiescent Current vs Ambient
Temperature
Total Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 7-24. Offset Voltage vs Supply Voltage
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
σ = 0.7 µV/°C
Figure 7-25. Offset Voltage vs Ambient
Temperature
Common-Mode Voltage (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-3
-2
-1
0
1
2
3
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 7-26. Offset Voltage vs Input Common-Mode
Voltage
Common-Mode Voltage (V)
-1
-0.5
0
0.5
1
1.5
-3
-2
-1
0
1
2
3
TA = 40qC
TA = 25qC
TA = 125qC
Figure 7-27. Offset Voltage vs Input Common-Mode
Voltage vs Ambient Temperature
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com