Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
8.4 Device Functional Modes
8.4.1 Split-Supply and Single-Supply Operation
The OPA856 can be configured with single-sided supplies or split-supplies as shown in Figure 10-1. Split-supply
operation using balanced supplies with the input common-mode set to ground eases lab testing because most
signal generators, network analyzers, spectrum analyzers, and other lab equipment typically reference inputs
and outputs to ground. In split-supply operation, the thermal pad must be connected to the negative supply.
Newer systems use a single power supply to improve efficiency and reduce the cost of the extra power supply.
The OPA856 can be used with a single positive supply (negative supply at ground) with no change in
performance if the input common-mode and output swing are biased within the linear operation of the device. In
single-supply operation, level shift the dc input and output reference voltages by half the difference between the
power supply rails. This configuration maintains the input common-mode and output load reference at midsupply.
To eliminate gain errors, the source driving the reference input common-mode voltage must have low output
impedance across the frequency range of interest. In this case, the thermal pad must be connected to ground.
8.4.2 Power-Down Mode
The OPA856 features a power-down mode to reduce the quiescent current to conserve power. Figure 7-19 and
Figure 7-20 show the transient response of the OPA856 as the PD pin toggles between the disabled and
enabled states.
The PD disable and enable threshold voltages are with reference to the negative supply. If the amplifier is
configured with the positive supply at 3.3 V and the negative supply at ground, then the disable and enable
threshold voltages are 0.65 V and 1.8 V, respectively. If the amplifier is configured with ±2.5 V supplies, then the
threshold voltages are at –1.85 V and –0.7 V.
Figure 8-8 shows the switching behavior of a typical amplifier as the PD pin is swept down from the enabled
state to the disabled state. Similarly, Figure 8-9 shows the switching behavior of a typical amplifier as the PD pin
is swept up from the disabled state to the enabled state. The small difference in the switching thresholds
between the down sweep and the up sweep is caused by the hysteresis designed into the amplifier to increase
immunity to noise on the PD pin.
Power-Down Voltage (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
TA = 40qC
TA = 25qC
TA = 125qC
Figure 8-8. Switching Threshold ( PD Pin Swept
from High to Low)
Power-Down Voltage (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
TA = 40qC
TA = 25qC
TA = 125qC
Figure 8-9. Switching Threshold ( PD Pin Swept
from Low to High)
Connecting the PDpin low disables the amplifier and places the output in a high-impedance state. When the
amplifier is configured as a noninverting amplifier, the feedback (RF) and gain (RG) resistor network form a
parallel load to the output of the amplifier. To protect the input stage of the amplifier, the OPA856 uses internal,
back-to-back protection diodes between the inverting and noninverting input pins as Figure 8-3 shows. In the
power-down state, if the differential voltage between the input pins of the amplifier exceeds a diode voltage drop,
an additional low-impedance path is created between the noninverting input pin and the output pin.
OPA856
SBOS623 – OCTOBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com