Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA855 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Frequency (Hz)
-15
-250
0
-200
15
-150
30
-100
45
-50
60
0
75
50
90
100
10k
100k
1M
10M
100M
1G
AOL Magnitude
AOL Phase
Small-Signal Response
Figure 7-7. Open-Loop Magnitude and Phase
Frequency (Hz)
0.1
1
10
100
100k
1M
10M
100M
Small-Signal Response
Figure 7-8. Closed Loop Output Impedance
Frequency (Hz)
0
20
40
60
80
100
120
10k
100k
1M
10M
100M
1G
Small-Signal Response
Figure 7-9. Common-Mode Rejection Ratio
Frequency (Hz)
0
20
40
60
80
100
120
10k
100k
1M
10M
100M
1G
PSRR+
PSRR
Small-Signal Response
Figure 7-10. Power Supply Rejection Ratio
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
HD2, VOUT = 0.5 VPP
HD2, VOUT = 1 VPP
HD2, VOUT = 2 VPP
HD2, VOUT = 2.5 VPP
Figure 7-11. Harmonic Distortion (HD2) vs Output
Swing
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
HD3, VOUT = 0.5 VPP
HD3, VOUT = 1 VPP
HD3, VOUT = 2 VPP
HD3, VOUT = 2.5 VPP
Figure 7-12. Harmonic Distortion (HD3) vs Output
Swing
OPA856
SBOS623 – OCTOBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com