Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3474 Datasheet HTML 3Page - Analog Devices LT3474 Datasheet HTML 4Page - Analog Devices LT3474 Datasheet HTML 5Page - Analog Devices LT3474 Datasheet HTML 6Page - Analog Devices LT3474 Datasheet HTML 7Page - Analog Devices LT3474 Datasheet HTML 8Page - Analog Devices LT3474 Datasheet HTML 9Page - Analog Devices LT3474 Datasheet HTML 10Page - Analog Devices LT3474 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3755/LT3755-1/LT3755-2
7
Rev. E
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Voltage vs VIN
INTVCC Current Limit
vs Temperature
INTVCC Voltage vs Temperature
Quiescent Current vs VIN
SENSE Current Limit Threshold
vs Temperature
SHDN/UVLO Threshold
vs Temperature
VIN (V)
0
1.0
2.0
0.5
1.5
37551 G10
0
10
20
40
30
PWM = 0V
37551 G11
TEMPERATURE (°C)
90
100
110
95
105
–50
0
50
75
–25
25
100
150
125
37551 G12
TEMPERATURE (°C)
1.18
1.22
1.28
1.20
1.24
1.26
SHDN/UVLO RISING
SHDN/UVLO FALLING
–50
0
50
75
–25
25
100
150
125
0
10
20
40
30
VIN (V)
0
4
8
2
6
37551 G13
37551 G14
TEMPERATURE (°C)
30
34
40
32
36
38
–50
0
50
75
–25
25
100
150
125
37551 G15
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
7.0
7.2
7.4
7.1
7.3
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com