Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3474 Datasheet HTML 11Page - Analog Devices LT3474 Datasheet HTML 12Page - Analog Devices LT3474 Datasheet HTML 13Page - Analog Devices LT3474 Datasheet HTML 14Page - Analog Devices LT3474 Datasheet HTML 15Page - Analog Devices LT3474 Datasheet HTML 16Page - Analog Devices LT3474 Datasheet HTML 17Page - Analog Devices LT3474 Datasheet HTML 18Page - Analog Devices LT3474 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3755/LT3755-1/LT3755-2
15
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
zero and full current to achieve a precisely programmed
average current. To make PWM dimming more accurate,
the switch demand current is stored on the VC node dur-
ing the quiescent phase when PWM is low. This feature
minimizes recovery time when the PWM signal goes high.
To further improve the recovery time, a disconnect switch
may be used in the LED current path to prevent the ISP
node from discharging during the PWM signal low phase.
The minimum PWM on or off time is affected by choice
of operating frequency and external component selection.
The data sheet application titled “Buck Mode 500mA LED
Driver for 20kHz PWM Dimming” demonstrates regulated
current pulses as short as 1µs are achievable. The best
overall combination of PWM and analog dimming capabil-
ity is available if the minimum PWM pulse is at least six
switching cycles.
Programming the Switching Frequency
The RT frequency adjust pin allows the user to program
the switching frequency from 100kHz to 1MHz to optimize
efficiency/performanceorexternalcomponentsize.Higher
frequency operation yields smaller component size but
increases switching losses and gate driving current, and
may not allow sufficiently high or low duty cycle operation.
Lowerfrequencyoperationgivesbetterperformanceatthe
cost of larger external component size. For an appropriate
RT resistor value see Table 1. An external resistor from the
RT pin to GND is required—do not leave this pin open.
Table 1. Switching Frequency vs RT Value
fOSC (kHz)
RT (kΩ)
1000
10.0
900
11.8
800
13.0
700
15.4
600
17.8
500
21.0
400
26.7
300
35.7
200
53.6
100
100
Duty Cycle Considerations
Switching duty cycle is a key variable defining converter
operation, therefore, its limits must be considered when
programming the switching frequency for a particular
application. The fixed minimum on-time and minimum
off-time (see Figure 4) and the switching frequency define
the minimum and maximum duty cycle of the switch,
respectively. The following equations express the mini-
mum/maximum duty cycle:
Min Duty Cycle = (minimum on-time) • switching
frequency
Max Duty Cycle = 1 – (minimum off-time) • switching
frequency
When calculating the operating limits, the typical values
for on/off-time in the data sheet should be increased by
at least 60ns to allow margin for PWM control latitude,
GATE rise/fall times and SW node rise/fall times.
Figure 4. Typical Minimum On and Off
Pulse Width vs Temperature
0
100
200
300
50
150
250
37551 F04
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
MINIMUM ON-TIME
MINIMUM OFF-TIME
CGATE = 3300pF
Thermal Considerations
The LT3755 is rated to a maximum input voltage of 40V.
Careful attention must be paid to the internal power dis-
sipation of the IC at higher input voltages to ensure that
a junction temperature of 125°C (150°C for H-Grade and
J-Grade) is not exceeded. This junction limit is especially



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com