Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3474 Datasheet HTML 6Page - Analog Devices LT3474 Datasheet HTML 7Page - Analog Devices LT3474 Datasheet HTML 8Page - Analog Devices LT3474 Datasheet HTML 9Page - Analog Devices LT3474 Datasheet HTML 10Page - Analog Devices LT3474 Datasheet HTML 11Page - Analog Devices LT3474 Datasheet HTML 12Page - Analog Devices LT3474 Datasheet HTML 13Page - Analog Devices LT3474 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3755/LT3755-1/LT3755-2
10
Rev. E
For more information www.analog.com
RT (Pin 11/Pin 5): Switching Frequency Adjustment Pin.
Set the frequency using a resistor to GND (for resistor
values, see the Typical Performance curve or Table 1). Do
not leave the RT pin open.
SHDN/UVLO (Pin 12/Pin 6): Shutdown and Undervoltage
Detect Pin. An accurate 1.22V falling threshold with ex-
ternally programmable hysteresis detects when power is
OK to enable switching. Rising hysteresis is generated
by the external resistor divider and an accurate internal
2.1µA pull-down current. Above the threshold (but below
6V), SHDN/UVLO input bias current is sub-µA. Below the
falling threshold, a 2.1µA pull-down current is enabled so
theusercandefinethehysteresiswiththeexternalresistor
selection. An undervoltage condition resets soft-start.
Tie to 0.4V, or less, to disable the device and reduce VIN
quiescent current below 1µA.
INTVCC (Pin 13/Pin 7): Regulated Supply for Internal
Loads, GATE Driver and PWMOUT Driver. Supplied from
VIN and regulates to 7.15V (typical). INTVCC must be
bypassed with a 4.7µF capacitor placed close to the pin.
Connect INTVCC directly to VIN if VIN is always less than
or equal to 8V.
VIN (Pin 14/Pin 8): Input Supply Pin. Must be locally
bypassed with a 0.22µF (or larger) capacitor placed close
to the IC.
SENSE (Pin 15/Pin 9): The current sense input for the
control loop. Kelvin connect this pin to the positive ter-
minal of the switch current sense resistor, RSENSE, in the
source of the NFET. The negative terminal of the current
sense resistor should be Kelvin connected to the GND
plane of the IC.
GATE (Pin 16/Pin 10): N-channel FET Gate Driver Output.
Switches between INTVCC and GND. Driven to GND during
shutdown, fault or idle states.
ExposedPad(Pin17/Pin17):Ground.Thispinalsoserves
as current sense input for control loop, sensing negative
terminal of current sense resistor. Solder the Exposed Pad
directly to ground plane.
PIN FUNCTIONS (MSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com