Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3474 Datasheet HTML 14Page - Analog Devices LT3474 Datasheet HTML 15Page - Analog Devices LT3474 Datasheet HTML 16Page - Analog Devices LT3474 Datasheet HTML 17Page - Analog Devices LT3474 Datasheet HTML 18Page - Analog Devices LT3474 Datasheet HTML 19Page - Analog Devices LT3474 Datasheet HTML 20Page - Analog Devices LT3474 Datasheet HTML 21Page - Analog Devices LT3474 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3755/LT3755-1/LT3755-2
18
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
Schottky Rectifier Selection
The power Schottky diode conducts current during the
interval when the switch is turned off. Select a diode rated
for the maximum SW voltage. If using the PWM feature for
dimming, it is important to consider diode leakage, which
increaseswiththetemperature,fromtheoutputduringthe
PWM low interval. Therefore, choose the Schottky diode
with sufficiently low leakage current. Table 4 has some
recommended component vendors.
Table 4. Schottky Rectifier Manufacturers
VENDOR
WEB
On Semiconductor
www.onsemi.com
Diodes, Inc.
www.diodes.com
Central Semiconductor
www.centralsemi.com
Sense Resistor Selection
The resistor, RSENSE, between the source of the exter-
nal NMOS FET and GND should be selected to provide
adequate switch current to drive the application without
exceeding the 108mV (typical) current limit threshold on
the SENSE pin of LT3755. For buck mode applications,
select a resistor that gives a switch current at least 30%
greater than the required LED current. For buck mode,
select a resistor according to:
RSENSE,BUCK ≤
0.07V
ILED
For buck-boost, select a resistor according to:
RSENSE,BUCK-BOOST ≤
VIN • 0.07V
VIN + VLED
(
)ILED
For boost, select a resistor according to:
RSENSE,BOOST ≤
VIN • 0.07V
VLED • ILED
These equations provide an estimate of the sense resistor
value based on reasonable assumptions about induc-
tor current ripple during steady state switching. Lower
values of sense resistor may be required in applications
where inductor ripple current is higher. Examples include
applications with current limited operation at high duty
cycle, and those with discontinuous conduction mode
(DCM) switching. It is always prudent to verify the peak
inductor current in the application to ensure the sense
resistor selection provides margin to the SENSE current
limit threshold.
The placement of RSENSE should be close to the source of
the NMOS FET and GND of the LT3755. The SENSE input
to LT3755 should be a Kelvin connection to the positive
terminal of RSENSE.
Inductor Selection
TheinductorusedwiththeLT3755shouldhaveasaturation
current rating appropriate to the maximum switch current
selectedwiththeRSENSEresistor.Chooseaninductorvalue
based on operating frequency, input and output voltage to
provide a current mode ramp on SENSE during the switch
on-time of approximately 20mV magnitude. The following
equations are useful to estimate the inductor value for
continuous conduction mode operation:
LBUCK =
RSENSE • VLED VIN – VLED
(
)
VIN • 0.02V • fOSC
LBUCK-BOOST =
RSENSE • VLED • VIN
VLED + VIN
(
) • 0.02V • fOSC
LBOOST =
RSENSE • VIN VLED – VIN
(
)
VLED • 0.02V • fOSC
Table 5 provides some recommended inductor vendors.
Table 5. Inductor Manufacturers
VENDOR
WEB
Sumida
www.sumida.com
Würth Elektronik
www.we-online.com
Coiltronics
www.cooperet.com
Vishay
www.vishay.com
Coilcraft
www.coilcraft.com
Loop Compensation
TheLT3755usesaninternaltransconductanceerrorampli-
fier whose VC output compensates the control loop. The
external inductor, output capacitor and the compensation
resistor and capacitor determine the loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com