Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3474 Datasheet HTML 7Page - Analog Devices LT3474 Datasheet HTML 8Page - Analog Devices LT3474 Datasheet HTML 9Page - Analog Devices LT3474 Datasheet HTML 10Page - Analog Devices LT3474 Datasheet HTML 11Page - Analog Devices LT3474 Datasheet HTML 12Page - Analog Devices LT3474 Datasheet HTML 13Page - Analog Devices LT3474 Datasheet HTML 14Page - Analog Devices LT3474 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3755/LT3755-1/LT3755-2
11
Rev. E
For more information www.analog.com
BLOCK DIAGRAM
+–
+
–
+
–
+
–
+
–
+
+
–
A1
A3
A6
+
+
–
FREQ
PROG
1.25V
SSCLAMP
1.1V
CTRL
VREF
SHDN/UVLO
ISP
ISN
Q2
150mV
50k
170k
140µA
2.1µA
CTRL
BUFFER
gm
EAMP
PWM
COMPARATOR
DRIVER
ISENSE
A4
gm
A10
A5
OVFB
COMPARATOR
1.25V
FB
SHORT-CIRCUIT
DETECT
OPTION
FOR
LT3755
AND
LT3755-2
OPTION FOR
LT3755-1
SCILMB
SCILMB
5k
PWMOUT PWM
1.25V
VIN
INTVCC
VC
+
–
A2
R
Q
S
RAMP
GENERATOR
100KHz TO 1MHz
OSCILLATOR
A8
7.15V
LDO
GATE
SENSE
37551 BD
OPENLED
GND
1.2V
FB
1.22V
2V
1.3V
RT
SYNC
SS
SHDN
A7
10µA
10µA AT
FB = 1.25V
VC
TLIM
165°C
FAULT
LOGIC
10µA
10µA AT
A1+= A1–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com