Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3474 Datasheet HTML 5Page - Analog Devices LT3474 Datasheet HTML 6Page - Analog Devices LT3474 Datasheet HTML 7Page - Analog Devices LT3474 Datasheet HTML 8Page - Analog Devices LT3474 Datasheet HTML 9Page - Analog Devices LT3474 Datasheet HTML 10Page - Analog Devices LT3474 Datasheet HTML 11Page - Analog Devices LT3474 Datasheet HTML 12Page - Analog Devices LT3474 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3755/LT3755-1/LT3755-2
9
Rev. E
For more information www.analog.com
PIN FUNCTIONS
PWMOUT (Pin 1/Pin 11): Buffered Version of PWM Signal
for Driving LED Load Disconnect NMOS or Level Shift.
This pin also serves in a protection function for the FB
overvoltagecondition—willtoggleiftheFBinputisgreater
than the FB regulation voltage (VFB) plus 60mV (typical).
The PWMOUT pin is driven from INTVCC. Use of a FET with
gate cut-off voltage higher than 1V is recommended.
FB (Pin 2/Pin 12): Voltage Loop Feedback Pin. FB is
intendedforconstant-voltageregulationorforLEDprotec-
tion/open LED detection. The internal transconductance
amplifierwithoutputVCwillregulateFBto1.25V(nominal)
through the DC/DC converter. If the FB input is regulating
the loop, the OPENLED pull-down is asserted. This ac-
tion may signal an open LED fault. If FB is driven above
the FB threshold (by an external power supply spike, for
example),theOPENLEDpull-downwillbede-assertedand
the PWMOUT pin will be driven low to protect the LEDs
from an overcurrent event. Do not leave the FB pin open.
If not used, connect to GND.
ISN (Pin 3/Pin 13): Connection Point for the Negative
TerminaloftheCurrentFeedbackResistor.IfISNisgreater
than 2.9V, the LED current can be programmed by ILED =
100mV/RLEDwhenVCTRL>1.2VorILED=(VCTRL–100mV)/
(10 • RLED) when VCTRL ≤ 1V. Input bias current is typi-
cally 25µA. Below 3V, ISN is an input to the short-circuit
protection feature that forces GATE to 0V if ISP exceeds
ISN by more than 150mV (typ).
ISP (Pin 4/Pin 14): Connection Point for the Positive
Terminal of the Current Feedback Resistor. Input bias
current is dependent upon CTRL pin voltage as shown
in the TPC. ISP is an input to the short-circuit protection
feature when ISN is less than 3V.
VC (Pin 5/Pin 15): Transconductance Error Amplifier
Output Pin Used to Stabilize the Voltage Loop with an RC
Network. This pin is high impedance when PWM is low, a
feature that stores the demand current state variable for
thenextPWMhightransition.Connectacapacitorbetween
this pin and GND; a resistor in series with the capacitor is
recommended for fast transient response.
CTRL(Pin6/Pin16):CurrentSenseThresholdAdjustment
Pin. Regulating threshold V(ISP – ISN) is 1/10th VCTRL plus
an offset for 0V < VCTRL < 1V. For VCTRL > 1.2V the current
sensethresholdisconstantatthefull-scalevalueof100mV.
For 1V < VCTRL < 1.2V, the dependence of current sense
threshold upon VCTRL transitions from a linear function
to a constant value, reaching 98% of full-scale value by
VCTRL = 1.1V. Do not leave this pin open.
VREF(Pin7/Pin1):VoltageReferenceOutputPin,Typically
2V.ThispindrivesaresistordividerfortheCTRLpin,either
foranalogdimmingorfortemperaturelimit/compensation
of LED load. Can supply up to 100μA.
PWM (Pin 8/Pin 2): A signal low turns off switcher, idles
oscillator and disconnects VC pin from all internal loads.
PWMOUT pin follows PWM pin. PWM has an internal pull-
down resistor. If not used, connect to INTVCC.
OPENLED (Pin 9/Pin 3, LT3755 and LT3755-2): An
open-collector pull-down on OPENLED asserts if the FB
input is greater than the FB regulation threshold minus
50mV (typical). To function, the pin requires an external
pull-up current less than 1mA. When the PWM input is low
and the DC/DC converter is idle, the OPENLED condition
is latched to the last valid state when the PWM input was
high. When PWM input goes high again, the OPENLED
pin will be updated. This pin may be used to report an
open LED fault.
SYNC (Pin 9/Pin 3, LT3755-1 Only): The SYNC pin is used
to synchronize the internal oscillator to an external logic
level signal. The RT resistor should be chosen to program
aninternalswitchingfrequency20%slowerthantheSYNC
pulse frequency. Gate turn-on occurs a fixed delay after
the rising edge of SYNC. For best PWM performance, the
PWM rising edge should occur at least 200ns before the
SYNC rising edge. Use a 50% duty cycle waveform to drive
this pin. This pin replaces OPENLED on LT3755-1 option
parts. If not used, tie this pin to GND.
SS (Pin 10/Pin 4): Soft-Start Pin. This pin modulates
oscillator frequency and compensation pin voltage (VC)
clamp. The soft-start interval is set with an external capac-
itor. The pin has a 10µA (typical) pull-up current source
to an internal 2.5V rail. The soft-start pin is reset to GND
by an undervoltage condition (detected by SHDN/UVLO
pin) or thermal limit.
(MSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com