Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3474 Datasheet HTML 4Page - Analog Devices LT3474 Datasheet HTML 5Page - Analog Devices LT3474 Datasheet HTML 6Page - Analog Devices LT3474 Datasheet HTML 7Page - Analog Devices LT3474 Datasheet HTML 8Page - Analog Devices LT3474 Datasheet HTML 9Page - Analog Devices LT3474 Datasheet HTML 10Page - Analog Devices LT3474 Datasheet HTML 11Page - Analog Devices LT3474 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3755/LT3755-1/LT3755-2
8
Rev. E
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
SENSE Current Limit Threshold
vs Duty Cycle
V(ISP-ISN) Threshold vs FB Voltage
Gate Rise/Fall Time
vs Capacitance
DUTY CYCLE (%)
95
105
115
100
110
37551 G16
0
25
50
75
100
FB VOLTAGE (V)
37551 G17
1.2
1.22
1.24
1.26
1.28
0
50
125
25
75
100
VCTRL = 2V
CAPACITANCE (nF)
37551 G18
0
2
4
6
10
8
0
40
100
20
60
80
GATE RISE
TIME
GATE
FALL TIME
10% TO 90%
INTVCC Dropout Voltage
vs Current, Temperature
ISP/ISN Input Bias Current
vs CTRL Voltage
CTRL (V)
37551 G19
0
0.5
1
1.5
2
0
10
40
20
30
ISP
ISN
LDO CURRENT (mA)
37551 G20
0
5
10
15
25
20
30
–2.5
–1.5
–2.0
0
–1.0
–0.5
TA = –45°C
VIN = 7V
TA = 125°C
TA = 150°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com