Electronic Components Datasheet Search
  English  ▼

X  

LT3474 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3474
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3474 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3474 Datasheet HTML 10Page - Analog Devices LT3474 Datasheet HTML 11Page - Analog Devices LT3474 Datasheet HTML 12Page - Analog Devices LT3474 Datasheet HTML 13Page - Analog Devices LT3474 Datasheet HTML 14Page - Analog Devices LT3474 Datasheet HTML 15Page - Analog Devices LT3474 Datasheet HTML 16Page - Analog Devices LT3474 Datasheet HTML 17Page - Analog Devices LT3474 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3755/LT3755-1/LT3755-2
14
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
When VCTRL is higher than 1.2V, the LED current is
regulated to:
ILED =
100mV
RLED
The LED current programming feature can increase total
dimming range by a factor of 10. The CTRL pin should
not be left open (tie to VREF if not used). The CTRL pin
can also be used in conjunction with a thermistor to
provide overtemperature protection for the LED load, or
with a resistor divider to VIN to reduce output power and
switching current when VIN is low. The presence of a time
varying differential voltage signal (ripple) across ISP and
ISN at the switching frequency is expected. The amplitude
of this signal is increased by high LED load current, low
switching frequency and/or a smaller value output filter
capacitor. Some level of ripple signal is acceptable: the
compensation capacitor on the VC pin filters the signal so
the average difference between ISP and ISN is regulated
to the user-programmed value. Ripple voltage amplitude
(peak-to-peak) in excess of 20mV should not cause mis-
operation, but may lead to noticeable offset between the
average value and the user-programmed value.
Programming Output Voltage (Constant Voltage
Regulation) or Open LED/Overvoltage Threshold
For a boost application, the output voltage can be set by
selecting the values of R3 and R4 (see Figure 2) according
to the following equation:
VOUT = 1.25 •
R3 + R4
R4
For a boost type LED driver, set the resistor from the output
to the FB pin such that the expected VFB during normal
FB
LT3755
VOUT
R4
37551 F02
R3
Figure 2. Feedback Resistor Connection for
Boost or SEPIC LED Driver
FB
LT3755
VOUT
R4
100k
37551 F03
R3
LED
ARRAY
RSEN(EXT)
COUT
+
–
operation will not exceed 1.1V. For an LED driver of buck or
a buck-boost configuration, the output voltage is typically
level-shifted to a signal with respect to GND as illustrated
in Figure 3. The output can be expressed as:
VOUT = VBE + 1.25 •
R3
R4
Figure 3. Feedback Resistor Connection for
Buck Mode or Buck-Boost Mode LED Driver
ISP/ISN Short-Circuit Protection Feature (for SEPIC)
The ISP and ISN pins have a protection feature indepen-
dent of the LED current sense feature that operates at
ISN below 3V. The purpose of this feature is to provide
continuous current sensing when ISN is below the LED
current sense common mode range (during start-up or
an output short-circuit fault) to prevent the development
of excessive switching currents that could damage the
power components in a SEPIC converter. The action
threshold (150mV, typ) is above the default LED current
sense threshold, so that no interference will occur over
the ISN voltage range where these two functions overlap.
This feature acts in the same manner as SENSE current
limit — it prevents GATE from going high (switch turn-on)
until the ISP/ISN difference falls below the threshold. If the
load has appreciable series inductance, use of a Schottky
clamp from GND to ISN is recommended for the SEPIC
to prevent excessive current flowing from the ISN pin in
a fault.
Dimming Control
There are two methods to control the current source for
dimmingusingtheLT3755.OnemethodusestheCTRLpin
toadjustthecurrentregulatedintheLEDs.Asecondmethod
uses the PWM pin to modulate the current source between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com