Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 4Page - Texas Instruments AMC3330 Datasheet HTML 5Page - Texas Instruments AMC3330 Datasheet HTML 6Page - Texas Instruments AMC3330 Datasheet HTML 7Page - Texas Instruments AMC3330 Datasheet HTML 8Page - Texas Instruments AMC3330 Datasheet HTML 9Page - Texas Instruments AMC3330 Datasheet HTML 10Page - Texas Instruments AMC3330 Datasheet HTML 11Page - Texas Instruments AMC3330 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –1 V to +1 V, and INN
= HGND = 0 V; typical specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Single-ended input resistance
INN = HGND
0.1
0.8
GΩ
RIND
Differential input resistance
0.1
1.2
IIB
Input bias current
INP = INN = HGND, IIB = (IIBP + I
IBN) / 2
–10
2.5
10
nA
TCIIB
Input bias current drift
–14
pA/°C
IIO
Input offset current
IIO = IINP – IINN; INP = INN = HGND
–10
-0.8
10
nA
CIN
Single-ended input capacitance
INN = HGND, fIN = 310 kHz
2
pF
CIND
Differential input capacitance
fIN = 310 kHz
2
ANALOG OUTPUT
Nominal gain
2
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
|VIN| = |VINP – VINN| > VClipping
±2.49
V
VFailsafe
Fail-safe differential output voltage
V+ = (VOUTP – VOUTN); VDCDCout ≤ V
DCDCUV or VHLDOout ≤ VHLDOUV
–2.57
–2.5
V
BWOUT
Output bandwidth
300
375
kHz
ROUT
Output resistance
On OUTP or OUTN
0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or
sinking, INP = INN = HGND, outputs
shorted to either GND or VDD
14
mA
CMTI
Common-mode transient immunity
|HGND – GND| = 2 kV
85
135
kV/µs
ACCURACY
EG
Gain error
TA = 25°C
–0.2%
–0.08%
0.2%
TCEG
Gain error drift(1)
–45
±7
45
ppm/°C
VOS
Input offset voltage(1)
TA = 25°C, INP = INN = HGND
–0.3
±0.05
0.3
mV
TCVOS
Input offset drift(1)
–4
±1
4
µV/°C
Nonlinearity
–0.02%
0.01%
0.02%
Nonlinearity drift
0.4
ppm/°C
SNR
Signal-to-noise ratio
VIN = 2 VPP, fIN = 1 kHz,
BW = 10 kHz, 10 kHz filter
81
85
dB
VIN = 2 VPP, fIN = 10 kHz,
BW = 100 kHz, 1 MHz filter
72
THD
Total harmonic distortion
VIN = 2 Vpp, fIN = 10 kHz,
BW = 100 kHz
–84
dB
Output noise
INP = INN = HGND, fIN = 0 Hz,
BW = 100 kHz
250
µVRMS
CMRR
Common-mode rejection ratio
fIN = 0 Hz, VCM min ≤ VCM ≤VCM max
–100
dB
fIN = 10 kHz, VCM min ≤ VCM ≤VCM max
–86
PSRR
Power-supply rejection ratio
VDD from 3.0 V to 5.5 V, at dc, input
referred
–98
dB
INP = INN = HGND, VDD from 3.0 V
to 5.5 V, 10 kHz / 100 mV ripple,
input referred
–86
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com