Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 13Page - Texas Instruments AMC3330 Datasheet HTML 14Page - Texas Instruments AMC3330 Datasheet HTML 15Page - Texas Instruments AMC3330 Datasheet HTML 16Page - Texas Instruments AMC3330 Datasheet HTML 17Page - Texas Instruments AMC3330 Datasheet HTML 18Page - Texas Instruments AMC3330 Datasheet HTML 19Page - Texas Instruments AMC3330 Datasheet HTML 20Page - Texas Instruments AMC3330 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
7 Detailed Description
7.1 Overview
The AMC3330 is a fully-differential, precision, isolated amplifier with high input impedance, and an integrated
DC/DC converter that allows the device to be supplied from a single 3.3-V or 5-V voltage supply source on the
low side. The input stage of the device drives a second-order, delta-sigma (ΔΣ) modulator. The modulator uses
an internal voltage reference and clock generator to convert the analog input signal to a digital bitstream. The
drivers (termed TX in the Functional Block Diagram) transfer the output of the modulator across the isolation
barrier that separates the high-side and low-side voltage domains. The received bitstream and clock are
synchronized and processed by a fourth-order analog filter on the low-side and presented as a differential analog
output.
A block diagram of the AMC3330 is shown in the Functional Block Diagram. The 1.2-GΩ differential input
impedance of the analog input stage supports low gain-error signal-sensing in high-voltage applications using
high-impedance resistor dividers.
The signal path is isolated by a double capacitive silicon-dioxide (SiO 2) insulation barrier, whereas power
isolation uses an on-chip transformer separated by a thin-film polymer as the insulating material.
7.2 Functional Block Diagram
Retiming and
4
th-Order
Active
Low-Pass
Filter
Isolation
Barrier
AMC3330
RX
GND
û Modulator
VDD
Resonator and
Driver
LDO
Rectifier
TX
HGND
LDO_OUT
DCDC_IN
DCDC_GND
TX
RX
Diagnostics
DIAG
Oscillator
OUTP
OUTN
Bandgap
Reference
LDO
HLDO_OUT
INP
INN
DCDC_OUT
DCDC_HGND
HLDO_IN
7.3 Feature Description
7.3.1 Analog Input
The input stage of the AMC3330 feeds a second-order, switched-capacitor, feed-forward ΔΣ modulator. The
modulator converts the analog signal into a bitstream that is transferred over the isolation barrier, as described in
the Isolation Channel Signal Transmission section. The high-impedance, and low bias-current input of the
AMC3330 makes the device suitable for isolated, high-voltage-sensing applications that typically employ high-
impedance resistor dividers.
There are two restrictions on the analog input signals (INP and INN). First, if the input voltage exceeds the input
range specified in the Absolute Maximum Ratings table, the input current must be limited to 10 mA because the
device input electrostatic discharge (ESD) diodes turn on. Second, the linearity and noise performance of the
device are ensured only when the differential analog input voltage remains within the specified linear full-scale
range VFSR and within the specified input common-mode voltage range VCM as specified in the Recommended
Operating Conditions table.
www.ti.com
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com