Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 22Page - Texas Instruments AMC3330 Datasheet HTML 23Page - Texas Instruments AMC3330 Datasheet HTML 24Page - Texas Instruments AMC3330 Datasheet HTML 25Page - Texas Instruments AMC3330 Datasheet HTML 26Page - Texas Instruments AMC3330 Datasheet HTML 27Page - Texas Instruments AMC3330 Datasheet HTML 28Page - Texas Instruments AMC3330 Datasheet HTML 29Page - Texas Instruments AMC3330 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Table 9-1 lists components suitable for use with the AMC3330. This list is not exhaustive. Other components
may exist that are equally suitable (or better), however these listed components have been validated during the
development of the AMC3330.
Table 9-1. Recommended External Components
DESCRIPTION
PART NUMBER
MANUFACTURER
SIZE (EIA, L x W)
VDD
C8
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
C9
1 µF ± 10%, X7R, 25 V
12063C105KAT2A
AVX
1206, 3.2 mm x 1.6 mm
DC/DC CONVERTER
C4
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C3
1 nF ± 10%, X7R, 50 V
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C2
1 µF ± 10%, X7R, 25 V
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
HLDO
C1
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C5
100 nF ± 5%, NP0, 50 V
C3216NP01H104J160AA
TDK
1206, 3.2 mm x 1.6 mm
C6
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com