Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 5Page - Texas Instruments AMC3330 Datasheet HTML 6Page - Texas Instruments AMC3330 Datasheet HTML 7Page - Texas Instruments AMC3330 Datasheet HTML 8Page - Texas Instruments AMC3330 Datasheet HTML 9Page - Texas Instruments AMC3330 Datasheet HTML 10Page - Texas Instruments AMC3330 Datasheet HTML 11Page - Texas Instruments AMC3330 Datasheet HTML 12Page - Texas Instruments AMC3330 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
6.9 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –1 V to +1 V, and INN
= HGND = 0 V; typical specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Low-side supply current
No external load on HLDO
28.5
41
mA
1 mA external load on HLDO
30.5
43
mA
VDCDC_OUT DC/DC output voltage
DCDC_OUT to HGND
3.1
3.5
4.65
V
VDCDCUV
DC/DC output undervoltage
detection threshold voltage
DCDC output falling
2.1
2.25
V
VHLDO_OUT High-side LDO output voltage
HLDO to HGND, up to 1 mA external
load
3
3.2
3.4
V
VHLDOUV
High-side LDO output undervoltage
detection threshold voltage
HLDO output falling
2.4
2.6
V
IH
High-side supply current for auxiliary
circuitry
Load connected from HLDO_OUT to
HGND; non-switching
1
mA
tAS
Analog settling time
VDD step to 3.0 V, to OUTP and
OUTN valid, 0.1% settling
0.6
1.1
ms
(1)
The typical value includes one standard deviation ("sigma") at nominal operating conditons.
6.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
1.3
µs
tf
Output signal fall time
1.3
µs
VINx to VOUTx signal delay (50% – 10%) Unfiltered output
1.2
1.3
µs
VINx to VOUTx signal delay (50% – 50%) Unfiltered output
1.6
2.1
µs
VINx to VOUTx signal delay (50% – 90%) Unfiltered output
2.2
2.6
µs
6.11 Timing Diagram
INP - INN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90%
OUTP
t
r
1 V
1 V
±
0
V
CMout
Figure 6-1. Rise, Fall, and Delay Time Waveforms
www.ti.com
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com