Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3330 Datasheet HTML 1Page - Texas Instruments AMC3330 Datasheet HTML 2Page - Texas Instruments AMC3330 Datasheet HTML 3Page - Texas Instruments AMC3330 Datasheet HTML 4Page - Texas Instruments AMC3330 Datasheet HTML 5Page - Texas Instruments AMC3330 Datasheet HTML 6Page - Texas Instruments AMC3330 Datasheet HTML 7Page - Texas Instruments AMC3330 Datasheet HTML 8Page - Texas Instruments AMC3330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
AMC3330 Precision, ±1-V Input, Reinforced Isolated Amplifier
With Integrated DC/DC Converter
1 Features
• 3.3-V or 5-V single supply operation with
integrated DC/DC converter
• ±1-V input voltage range optimized for voltage
measurements with high input impedance
• Fixed gain: 2.0
• Low DC errors:
– Gain error: ±0.2% (max)
– Gain drift: ±45 ppm/°C (max)
– Offset error: ±0.3 mV (max)
– Offset drift: ±4 µV/°C (max)
– Nonlinearity: ±0.02% (max)
• High CMTI: 85 kV/µs (min)
• System-level diagnostic features
• Safety-related certifications:
– 6000-VPK reinforced isolation per DIN VDE V
0884-11 (VDE V 0884-11): 2017-01
– 4250-VRMS isolation for 1 minute per UL1577
• Meets CISPR-11 and CISPR-25 EMI standards
2 Applications
• Isolated voltage sensing in:
– Motor drives
– Photovoltaic inverters
– Power delivery systems
– Electricity meters
– Protection relays
3 Description
The AMC3330 is a precision, isolated amplifier with a
fully integrated, isolated DC/DC converter that allows
single-supply operation from the low-side of the
device. The reinforced capacitive isolation barrier is
certified according to VDE V 0884-11 and UL1577
and separates sections of the system that operate on
different common-mode voltage levels and protects
low-voltage domains from damage.
The input of the AMC3330 is optimized for direct
connection to high-impedance, voltage-signal sources
such as a resistor-divider network to sense high-
voltage signals. The integrated isolated DC/DC
converter
allows
measurement
of
non-ground-
referenced signals and makes the device a unique
solution for noisy, space-constrained applications.
The excellent performance of the device supports
accurate
voltage
monitoring
and
control.
The
integrated DC/DC converter fault-detection and
diagnostic output pin of the AMC3330 simplify
system-level design and diagnostics.
The AMC3330 is specified over the temperature
range of –40°C to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC3330
SOIC (16)
10.30 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Isolated
Power
Isolated
Power
AMC3330
ADS8363
16-Bit ADC
DCDC_IN
DCDC_GND
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
3.3 V / 5 V
GND
To MCU (optional)
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
Application Example
www.ti.com
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: AMC3330
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC3330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3330 TI2-AMC3330 Datasheet
1Mb / 40P
AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2024
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI2-AMC3330-Q1 Datasheet
1Mb / 40P
AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2024
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
More results

Similar Description - AMC3330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336 TI-AMC3336 Datasheet
2Mb / 41P
AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com