Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 12Page - Texas Instruments AMC3330 Datasheet HTML 13Page - Texas Instruments AMC3330 Datasheet HTML 14Page - Texas Instruments AMC3330 Datasheet HTML 15Page - Texas Instruments AMC3330 Datasheet HTML 16Page - Texas Instruments AMC3330 Datasheet HTML 17Page - Texas Instruments AMC3330 Datasheet HTML 18Page - Texas Instruments AMC3330 Datasheet HTML 19Page - Texas Instruments AMC3330 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
6.13 Typical Characteristics (continued)
at VDD = 3.3 V, INP = –1 V to 1 V, INN = HGND = 0V, and fIN = 10 kHz (unless otherwise noted)
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
22.5
25
27.5
30
32.5
D044
Figure 6-35. Input-Supply Current vs Temperature
VDD (V)
3
3.5
4
4.5
5
5.5
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
D046
Figure 6-36. High-Side LDO Line Regulation
VDD (V)
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
3
D065
Figure 6-37. Output Rise And Fall Time vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
D066
Figure 6-38. Output Rise And Fall Time vs Temperature
VDD (V)
3
3.5
4
4.5
5
5.5
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
D67_
50% - 90%
50% - 50%
50% - 10%
Figure 6-39. VIN to VOUT Signal Delay Time vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
D68_
50% - 90%
50% - 50%
50% - 10%
Figure 6-40. VIN to VOUT Signal Delay Time vs Temperature
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com