Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 19Page - Texas Instruments AMC3330 Datasheet HTML 20Page - Texas Instruments AMC3330 Datasheet HTML 21Page - Texas Instruments AMC3330 Datasheet HTML 22Page - Texas Instruments AMC3330 Datasheet HTML 23Page - Texas Instruments AMC3330 Datasheet HTML 24Page - Texas Instruments AMC3330 Datasheet HTML 25Page - Texas Instruments AMC3330 Datasheet HTML 26Page - Texas Instruments AMC3330 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
8.2.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
VALUE
Low-side supply voltage
3.3 V or 5 V
Voltage drop across the sensing resistor for a linear response
1 V (maximum)
Current through the resistive divider, ICROSS
100 µA (maximum)
8.2.2 Detailed Design Procedure
Use Ohm's Law to calculate the minimum total resistance of the resistive divider to limit the cross current to the
desired value ( RTOTAL = VLx / ICROSS ) and the required sense resistor value to be connected to the AMC3330
input: RSNS = VFSR / ICROSS.
Consider the following two restrictions to choose the proper value of the sense resistor RSNS:
• The voltage drop on RSNS caused by the nominal voltage range of the system must not exceed the
recommended input voltage range: VSNS ≤ VFSR
• The voltage drop on RSNS caused by the maximum allowed system overvoltage must not exceed the input
voltage that causes a clipping output: VSNS ≤ VClipping
Table 8-2 lists examples of nominal E96-series (1% accuracy) resistor values for systems using 120-V and
230-V AC line voltages.
Table 8-2. Resistor Value Examples
PARAMETER
120-VRMS LINE VOLTAGE 120-VRMS LINE VOLTAGE 230-VRMS LINE VOLTAGE
Peak voltage
170 V
170 V
325 V
Resistive divider resistors RL11, RL12
845 kΩ
845 kΩ
1.62 MΩ
Sense resistor RSNS
10 kΩ
10 kΩ
10 kΩ
Current through resistive divider ICROSS
100 µA
100 µA
100 µA
Resulting voltage drop on sense resistor VSNS
1.00 V
1.00 V
1.00 V
8.2.2.1 Input Filter Design
TI recommends placing an RC filter in front of the isolated amplifier to improve signal-to-noise performance of
the signal path. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20 MHz) of the internal ΔΣ modulator
• The input bias current does not generate significant voltage drop across the DC impedance of the input filter
• The impedances measured from the analog inputs are equal
Most voltage sensing applications use high-impedance resistor dividers in front of the isolated amplifier to scale
down the input voltage. In this case, a single capacitor shown in Figure 8-2 is sufficient to filter the input signal.
10 nF
INP
INN
AMC3330
HGND
Figure 8-2. Differential Input Filter
www.ti.com
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com