Electronic Components Datasheet Search
  English  ▼

X  

AMC3330 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 18Page - Texas Instruments AMC3330 Datasheet HTML 19Page - Texas Instruments AMC3330 Datasheet HTML 20Page - Texas Instruments AMC3330 Datasheet HTML 21Page - Texas Instruments AMC3330 Datasheet HTML 22Page - Texas Instruments AMC3330 Datasheet HTML 23Page - Texas Instruments AMC3330 Datasheet HTML 24Page - Texas Instruments AMC3330 Datasheet HTML 25Page - Texas Instruments AMC3330 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The low input bias current, AC and DC errors, and temperature drift make the AMC3330 a high-performance
solution for applications where voltage measurement with high common-mode levels is required.
8.2 Typical Application
Isolated amplifiers are widely used for voltage measurements in high-voltage applications that must be isolated
from a low-voltage domain. Typical applications are AC line voltage measurements at the input of a power factor
correction (PFC) stage or the output of a solar inverter. Other applications are DC measurements at the output of
a PFC stage or DC/DC converter, or phase voltage measurements in motor and servo drives. The AMC3330
integrates an isolated power supply for the high-voltage side and therefore is particularly easy to use in
applications that do not have a high-side supply readily available or where a high-side supply is referenced to a
different ground potential than the signal to be measured.
Figure 8-1 shows a simplified schematic of the AMC3330 in a solar inverter where the AC phase voltage on the
grid-side must be measured. At that location in the system, there is no supply readily available for powering the
isolated amplifier. The integrated isolated power supply, together with its bipolar input voltage range, makes the
AMC3330 ideally suited for AC line-voltage sensing. In this example, phase current is sensed by the AMC3301
across a shunt resistor on the grid-side of an LCL filter where there is also no suitable supply available for
powering the isolated amplifier. The integrated power supply of the AMC3301 eliminates that problem and
enables current sensing at optimal locations for the system.
to MCU
ADS8363
16-Bit ADC
1 µF
100 nF
1 nF
1 nF
100 nF
10 Ÿ
10 Ÿ
8.2 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3301
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to MCU
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
ADS8363
16-Bit ADC
to grid (L1)
RSHUNT
DC+
DC-
IPHASE
HS Gate
Driver
Supply
LS Gate
Driver
Supply
PGND
PGND
SW
RL11
RL1SNS
SW
PGND
N
N
RL12
Figure 8-1. The AMC3330 in a Solar Inverter Application
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com