Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 4 Page - Texas Instruments

  DRV8300DI Datasheet HTML 1Page - Texas Instruments DRV8300DI Datasheet HTML 2Page - Texas Instruments DRV8300DI Datasheet HTML 3Page - Texas Instruments DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Pin Configuration and Functions
16
15
14
13
17
18
MODE
GND
6
5
4
3
2
1
BSTC
SHB
DRV8300
PowerPAD
INLA
INLB
INLC
GVDD
GHC
GHB
SHA
BSTB
Figure 6-1. DRV8300D, DRV8300N RGE Package 24-Pin VQFN With Exposed Thermal Pad Top View
Table 6-1. Pin Functions—24-Pin DRV8300 Devices
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BSTA
20
O
Bootstrap output pin. Connect capacitor between BSTA and SHA
BSTB
17
O
Bootstrap output pin. Connect capacitor between BSTB and SHB
BSTC
14
O
Bootstrap output pin. Connect capacitor between BSTC and SHC
DT
21
I
Deadtime input pin. Connect resistor to ground for variable deadtime, fixed deadtime when left it floating
GHA
19
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
16
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
13
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
11
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
10
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLC
9
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
INHA
22
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
23
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
24
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INLA
1
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLB
2
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLC
3
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
MODE
5
I
Mode Input controls polarity of GLx compared to INLx inputs.
Mode pin floating: GLx output polarity same(Non-Inverted) as INLx input
Mode pin to GVDD: GLx output polarity inverted compared to INLx input
NC
7, 8
NC
No internal connection. This pin can be left floating or connected to system ground.
GND
6
PWR
Device ground.
SHA
18
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHB
15
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHC
12
I
High-side source sense input. Connect to the high-side power MOSFET source.
GVDD
4
PWR
Gate driver power supply input. Connect a X5R or X7R, GVDD-rated ceramic and greater then or equal to 10-uF local capacitance
between the GVDD and GND pins.
(1)
PWR = power, I = input, O = output, NC = no connection
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com