Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 1 Page - Texas Instruments

  DRV8300DI Datasheet HTML 1Page - Texas Instruments DRV8300DI Datasheet HTML 2Page - Texas Instruments DRV8300DI Datasheet HTML 3Page - Texas Instruments DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DRV8300: Three-Phase BLDC Gate Driver
1 Features
• Triple Half-Bridge Gate driver
– Drives 3 High-Side and 3 Low-Side N-Channel
MOSFETs (NMOS)
• Integrated Bootstrap Diodes (DRV8300D devices)
• Supports Inverting and Non-Inverting INLx inputs
• Bootstrap gate drive architecture
– 750-mA source current
– 1.5-A Sink current
• Low leakage current on SHx pins (<55 µA)
• Absolute maximum BSTx voltage upto 115-V
• Supports negative Trasients upto -22-V on SHx
pins
• Buit-in cross conduction prevention
• Adjustable Deadtime through DT pin for QFN
package variants
• Fixed Deadtime insertion of 200 nS for TSSOP
package variants
• Supports 3.3-V, and 5-V logic inputs with 20-V Abs
Max
• 4 nS typical propogation delay matching
• Compact QFN and TSSOP packages and
footprints
• Efficient system design with Power Blocks
• Integrated protection features
– BST undervoltage lockout (BSTUV)
– GVDD undervoltage (GVDDUV)
2 Applications
• E-Bikes, E-Scooters, and E-Mobility
• Fans, Pumps, and Servo Drives
• Brushless-DC (BLDC) Motor Modules and PMSM
• Cordless Garden and Power Tools, Lawnmowers
• Cordless Vacuum Cleaners
• Drones, Robotics, and RC Toys
• Industrial and Logistics Robots
3 Description
DRV8300 family of devices provide three half-bridge
gate drivers, each capable of driving high-side and
low-side N-channel power MOSFETs. The DRV8300D
generates the correct gate drive voltages using an
integrated bootstrap diode and external capacitor for
the high-side MOSFETs and GVDD for the low-side
MOSFETs. The DRV8300N generates the correct
gate drive voltages using an external bootstrap diode
and external capacitor for the high-side MOSFETs
and GVDD for the low-side MOSFETs. The Gate
Drive architecture supports peak up to 750-mA source
and 1.5-A sink currents.
The phase pins SHx is able to tolerate the significant
negative voltage transients; while high side gate driver
supply BSTx and GHx is able to support to higher
positive voltage transients (115-V) abs max voltage
which improves robustness of the system. Small
propagation delay and delay matching specifications
minimize the dead-time requirement which further
improves
efficiency.
Undervoltage
protection
is
provided for both low and high side through GVDD
and BST undervoltage lockout.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8300DIPW
TSSOP (20)
6.40 mm × 4.40 mm
DRV8300DPW (2)
TSSOP (20)
6.40 mm × 4.40 mm
DRV8300DRGE (2)
VQFN (24)
4.00 mm × 4.00 mm
DRV8300NPW (2)
TSSOP (20)
6.40 mm × 4.40 mm
DRV8300NRGE (2)
VQFN (24)
4.00 mm × 4.00 mm
DRV8300NIPW (2)
TSSOP (20)
6.40 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Device available for preview only
PVDD
Repeated for 3
phases
MCU
INHA
INHB
INHC
INLA
INLB
INLC
SHA, SHB, SHC
GLA, GLB. GLC
GHA, GHB, GHC
GVDD
GND
DRV8300D
DBx
BSTA, BSTB, BSTC
GVDD
Simplified Schematic for DRV8300D
PVDD
Repeated for 3
phases
MCU
INHA
INHB
INHC
INLA
INLB
INLC
SHA, SHB, SHC
GLA, GLB. GLC
GHA, GHB, GHC
GVDD
GND
DRV8300N
BSTA, BSTB, BSTC
GVDD
DBx
Simplified Schematic for DRV8300N
www.ti.com
DRV8300
SLVSFG5 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: DRV8300
DRV8300
SLVSFG5 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - DRV8300DI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300DI TI-DRV8300DI Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300DI TI2-DRV8300DI Datasheet
2Mb / 35P
DRV8300: 100-V Three-Phase BLDC Gate Driver
REVISED MARCH 2022
DRV8300DIPW TI-DRV8300DIPW Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300DIPW TI2-DRV8300DIPW Datasheet
2Mb / 35P
DRV8300: 100-V Three-Phase BLDC Gate Driver
REVISED MARCH 2022
DRV8300DIPWR TI-DRV8300DIPWR Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
More results

Similar Description - DRV8300DI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8328 TI-DRV8328 Datasheet
2Mb / 46P
DRV8328 4.5 to 60V Three-phase BLDC Gate Driver
DECEMBER 2021
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8328 TI-DRV8328_V02 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
MARCH 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com