Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments DRV8300DI Datasheet HTML 10Page - Texas Instruments DRV8300DI Datasheet HTML 11Page - Texas Instruments DRV8300DI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
4.8 V ≤ VGVDD ≤ 20 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VGHx_HI
High-side gate drive high level voltage
(VBSTx - VGHx)
IGHx = 100 mA; VGVDD = 12V; No FETs
connected
0.3
0.6
1.2
V
VGLx_LO
Low-side gate drive low level voltage
IGLx = -100 mA; VGVDD = 12V; No FETs
connected
0
0.15
0.35
V
VGLx_HI
Low-side gate drive high level voltage
(VGVDD - VGHx)
IGHx = 100 mA; VGVDD = 12V; No FETs
connected
0.3
0.6
1.2
V
IDRIVEP_HS
High-side peak source gate current
GHx-SHx = 12V
400
750
1200
mA
IDRIVEN_HS
High-side peak sink gate current
GHx-SHx = 0V
850
1500
2100
mA
IDRIVEP_LS
Low-side peak source gate current
GLx = 12V
400
750
1200
mA
IDRIVEN_LS
Low-side peak sink gate current
GLx = 0V
850
1500
2100
mA
tPD
Input to output propagation delay
INHx, INLx to GHx, GLx; VGVDD = VBSTx
- VSHx > 8V; SHx = 0V, No load on GHx
and GLx
70
125
180
ns
tPD_match
Matching propagation delay per phase
GHx turning OFF to GLx turning ON,
GLx turning OFF to GHx turning ON;
VGVDD = VBSTx - VSHx > 8V; SHx = 0V,
No load on GHx and GLx
0
4
25
ns
tPD_match
Matching propagation delay phase to
phase
GHx/GLx turning ON to GHy/GLy turning
ON, GHx/GLx turning OFF to GHy/GLy
turning OFF; VGVDD = VBSTx - VSHx >
8V; SHx = 0V, No load on GHx and GLx
0
4
25
ns
tR_GLx
GLx rise time (10% to 90%)
CLOAD = 1000 pF; VGVDD = VBSTx -
VSHx > 8V; SHx = 0V
10
24
50
ns
tR_GHx
GHx rise time (10% to 90%)
CLOAD = 1000 pF; VGVDD = VBSTx -
VSHx > 8V; SHx = 0V
10
24
50
ns
tF_GLx
GLx fall time (90% to 10%)
CLOAD = 1000 pF; VGVDD = VBSTx -
VSHx > 8V; SHx = 0V
5
12
30
ns
tF_GHx
GHx fall time (90% to 10%)
CLOAD = 1000 pF; VGVDD = VBSTx -
VSHx > 8V; SHx = 0V
5
12
30
ns
tDEAD
Gate drive dead time
DT pin floating
150
215
280
ns
DT pin connected to GND
150
215
280
ns
40 kΩ between DT pin and GND
150
200
260
ns
400 kΩ between DT pin and GND
1500
2000
2500
ns
tPW_MIN
Minimum input pulse width on INHx,
INLx that changes the output on GHx,
GLx
40
70
150
ns
BOOTSTRAP DIODES (DRV8300D, DRV8300DI)
VBOOTD
Bootstrap diode forward voltage
IBOOT = 100 µA
0.45
0.7
0.85
V
IBOOT = 100 mA
2
2.3
3.1
V
RBOOTD
Bootstarp dynamic resistance (ΔVBOOTD/
ΔIBOOT)
IBOOT = 100 mA and 80 mA
11
15
25
Ω
PROTECTION CIRCUITS
VGVDDUV
Gate Driver Supply undervoltage lockout
(GVDDUV)
Supply rising
4.45
4.6
4.7
V
Supply falling
4.2
4.35
4.4
V
VGVDDUV_HY
S
Gate Driver Supply UV hysteresis
Rising to falling threshold
260
270
290
mV
tGVDDUV
Gate Driver Supply undervoltage
deglitch time
5
10
12.5
µs
VBSTUV
Boot Strap undervoltage lockout (VBSTx -
VSHx)
Supply rising
3.6
4.2
4.8
V
Boot Strap undervoltage lockout (VBSTx -
VSHx)
Supply falling
3.5
4
4.5
V
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com