Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 5 Page - Texas Instruments

  DRV8300DI Datasheet HTML 1Page - Texas Instruments DRV8300DI Datasheet HTML 2Page - Texas Instruments DRV8300DI Datasheet HTML 3Page - Texas Instruments DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
INHB
SHA
BSTB
SHB
BSTC
GLA
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
GHB
SHC
GLB
INLA
INLC
INHC
GLC
GND
GVDD
GHA
BSTA
INHA
GHC
INLB
DRV8300
Figure 6-2. DRV8300D, DRV8300N, DRV8300DI, DRV8300NI PW Package 20-Pin TSSOP Top View
Table 6-2. Pin Functions—20-Pin DRV8300 Devices
PIN
TYPE1
DESCRIPTION
NAME
NO.
BSTA
20
O
Bootstrap output pin. Connect capacitor between BSTA and SHA
BSTB
17
O
Bootstrap output pin. Connect capacitor between BSTB and SHB
BSTC
14
O
Bootstrap output pin. Connect capacitor between BSTC and SHC
GHA
19
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
16
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
13
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
11
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
10
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLC
9
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
INHA
1
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
2
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
3
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INLA
4
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLB
5
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLC
6
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
GND
8
PWR
Device ground.
SHA
18
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHB
15
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHC
12
I
High-side source sense input. Connect to the high-side power MOSFET source.
GVDD
7
PWR
Gate driver power supply input. Connect a X5R or X7R, GVDD-rated ceramic and greater then or equal to 10-uF local capacitance
between the GVDD and GND pins.
1. PWR = power, I = input, O = output, NC = no connection
www.ti.com
DRV8300
SLVSFG5 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com