Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments DRV8300DI Datasheet HTML 10Page - Texas Instruments DRV8300DI Datasheet HTML 11Page - Texas Instruments DRV8300DI Datasheet HTML 12Page - Texas Instruments DRV8300DI Datasheet HTML 13Page - Texas Instruments DRV8300DI Datasheet HTML 14Page - Texas Instruments DRV8300DI Datasheet HTML 15Page - Texas Instruments DRV8300DI Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PVDD
GHB
SHB
GLB
PVDD
INHA
PowerPAD
GND
BSTB
GHA
SHA
GLA
BSTA
GHC
SHC
GLC
BSTC
Gate Driver
HS
LS
GVDD
HS
LS
PVDD
Gate Driver
HS
LS
GVDD
HS
LS
Gate Driver
HS
LS
GVDD
HS
LS
Input logic
control
Shoot-
Through
Prevention
GVDD
INHB
INHC
CGVDD
CBSTA
CBSTB
CBSTC
RGHC
RGLC
RGLB
RGHB
RGLA
RGHA
DT**
** QFN-24 Package
MODE**
MODE**
INT_5V
MODE**
INT_5V
MODE**
INLB/INLB
INLA/INLA
INLC/INLC
INT_5V
GVDD
Figure 8-2. Block Diagram for DRV8300N
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com