Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 15 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 11Page - Texas Instruments DRV8300DI Datasheet HTML 12Page - Texas Instruments DRV8300DI Datasheet HTML 13Page - Texas Instruments DRV8300DI Datasheet HTML 14Page - Texas Instruments DRV8300DI Datasheet HTML 15Page - Texas Instruments DRV8300DI Datasheet HTML 16Page - Texas Instruments DRV8300DI Datasheet HTML 17Page - Texas Instruments DRV8300DI Datasheet HTML 18Page - Texas Instruments DRV8300DI Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
8.3.2 Pin Diagrams
Figure 8-6 shows the input structure for the logic level pins INHx, INLx. INHx and INLx has passive pull down, so
when inputs are floating the output of gate driver will be pulled low. Figure 8-7 shows the input structure for the
logic level pin inverted INLx. INLx in inverted mode has passive pull up, so when inputs are floating the output of
gate driver will be pulled low.
INHx
INLx
Logic High
INPUT
Logic Low
200 k
Figure 8-6. INHx and non-inverted INLx Logic-Level
Input Pin Structure
INLx
Logic High
INPUT
Logic Low
200 k
INT_5V
Figure 8-7. Inverted INLx Logic-Level Input Pin
Structure
8.3.3 Gate Driver Protective Circuits
The DRV8300 is protected against BSTx undervoltage and GVDD undervoltage events.
Table 8-1. Fault Action and Response
FAULT
CONDITION
GATE DRIVER
RECOVERY
VBSTx undervoltage
(BSTUV)
VBSTx < VBSTUV
GHx - Hi-Z
Automatic:
VBSTx > VBSTUV and low to high
PWM edge detected on INHx pin
GVDD undervoltage
(GVDDUV)
VGVDD < VGVDDUV
Hi-Z
Automatic:
VGVDD > VGVDDUV
8.3.3.1 VBSTx Undervoltage Lockout (BSTUV)
The DRV8300 has separate voltage comparator to detect undervoltage condition for each phase. If at any time
the supply voltage on the BSTx pin falls lower than the VBSTUV threshold, high side external MOSFETs of that
particular phase is disabled by disabling (Hi-Z) GHx pin. Normal operation starts again when the BSTUV
condition clears and low to high PWM edge detected on INHx input on the same phase BSTUV was detected.
BSTUV protection ensures that high side gate driver are not switched when BSTx pin has lower value.
8.3.3.2 GVDD Undervoltage Lockout (GVDDUV)
If at any time the voltage on the GVDD pin falls lower than the VGVDDUV threshold voltage, all of the external
MOSFETs are disabled. Normal operation starts again GVDDUV condition clears. GVDDUV protection ensures
that gate driver are not switched when GVDD input is at lower value.
8.4 Device Functional Modes
Whenever the GVDD > VGVDDUVand VBSTX > VBSTUV the device is in operating (active) mode, in this condition
gate driver output GHx and GLX will follow respective inputs INHx and INLx.
www.ti.com
DRV8300
SLVSFG5 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com