Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DI Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments DRV8300DI Datasheet HTML 10Page - Texas Instruments DRV8300DI Datasheet HTML 11Page - Texas Instruments DRV8300DI Datasheet HTML 12Page - Texas Instruments DRV8300DI Datasheet HTML 13Page - Texas Instruments DRV8300DI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
8 Detailed Description
8.1 Overview
The DRV8300 family of devices is a gate driver for three-phase motor drive applications. These devices
decrease system component count, saves PCB space and cost by integrating three independent half-bridge
gate drivers and optional bootstrap diodes.
DRV8300D device integrates bootstrap diode used along with boot capacitor to generate voltage to drive high
side N-channel MOSFET. External bootstrap diode along with capacitor is needed for DRV8300N devices.
The gate drivers support external N-channel high-side and low-side power MOSFETs and can drive 750-mA
source, 1.5-A sink peak currents with total 30-mA average output current combined high and low side drivers. A
bootstrap capacitor and GVDD supply generates the voltage of the high-side gate drive. The GVDD supply
voltage is used to generate voltage for the low-side gate driver.
The DRV8300 family of devices are available in 0.5-mm pitch QFN and 0.65-mm pitch TSSOP surface-mount
packages. The QFN size is 4 × 4 mm (0.5-mm pin pitch) for the 24-pin package, and TSSOP size is 6.5 × 6.4
mm (0.65-mm pin pitch) for the 20-pin package.
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com